Electronic Components Datasheet Search
  English  ▼

X  

SD202/63 Datasheet(PDF) 1 Page - ABB

Part # SD202/63
Description  SD202/63 Switch Disconnector 2P, 63A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

SD202/63 Datasheet(HTML) 1 Page - ABB

  SD202/63 Datasheet HTML 1Page - ABB SD202/63 Datasheet HTML 2Page - ABB SD202/63 Datasheet HTML 3Page - ABB SD202/63 Datasheet HTML 4Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SD202/63 Switch Disconnector 2P, 63A
SD202/63
Extended Product Type
SD202/63
Product ID
2CDD282101R0063
EAN
4016779904179
Catalog Description
SD202/63 Switch Disconnector 2P, 63A
Long Description
SD202/63 Switch Disconnector 2P, 63A
General Information
PRODUCT-DETAILS
Ordering
4016779904179
EAN
1 piece
Minimum Order Quantity
85369095
Customs Tariff Number
Dimensions
35 mm
Product Net Width
88 mm
Product Net Height
69 mm
Product Net Depth /
Length
0.17 kg
Product Net Weight
Container Information
5 piece
Package Level 1 Units


Similar Part No. - SD202/63

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD2022-2-9 WINCHESTER-SD2022-2-9 Datasheet
50Kb / 1P
JACK, BULKHEAD, 75 OHM BNC
SD2022-28-9 WINCHESTER-SD2022-28-9 Datasheet
64Kb / 1P
JACK, BULKHEAD, 75~W BNC, F
SD2025-44-9 WINCHESTER-SD2025-44-9 Datasheet
76Kb / 1P
75 OHM BNC PLUG
SD2025-76-9 WINCHESTER-SD2025-76-9 Datasheet
49Kb / 1P
PLUG, 75~W BNC, M
SD2029-15-9 WINCHESTER-SD2029-15-9 Datasheet
48Kb / 1P
ADPT, F-F, 75 BNC-75 BNC
More results

Similar Description - SD202/63

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VVD3 SCHNEIDER-VVD3 Datasheet
157Kb / 3P
TeSys Vario - switch disconnector - 63 A - back of enclosure
Jul 12, 2021
VCF4GE SCHNEIDER-VCF4GE Datasheet
117Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 63A, IP65
Jul 12, 2021
VC4GUN SCHNEIDER-VC4GUN Datasheet
141Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 63A, UL/CSA
Jul 12, 2021
VBF4GE SCHNEIDER-VBF4GE Datasheet
132Kb / 3P
TeSys Vario enclosed, main switch disconnector, 63A, IP65
Jul 12, 2021
VBF3 SCHNEIDER-VBF3 Datasheet
144Kb / 3P
TeSys Vario - switch disconnector - 63 A - on door
Jul 12, 2021
VBF3 SCHNEIDER-VBF3_V01 Datasheet
158Kb / 3P
TeSys Vario - switch disconnector - 63 A - on door
Jun 13, 2022
VBF4GE SCHNEIDER-VBF4GE_V01 Datasheet
145Kb / 3P
TeSys Vario enclosed, main switch disconnector, 63A, IP65
Jun 13, 2022
VC4GUN SCHNEIDER-VC4GUN_V01 Datasheet
157Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 63A, UL/CSA
Jun 12, 2022
VCF4GE SCHNEIDER-VCF4GE_V01 Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 63A, IP65
Jun 13, 2022
VVD3 SCHNEIDER-VVD3_V01 Datasheet
171Kb / 3P
TeSys Vario - switch disconnector - 63 A - back of enclosure
Jun 13, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com