Electronic Components Datasheet Search
  English  ▼

X  

M48T248Y Datasheet(PDF) 16 Page - STMicroelectronics

Part # M48T248Y
Description  5.0 or 3.3V, 1024K TIMEKEEPER SRAM with PHANTOM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T248Y Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M48T248Y Datasheet HTML 12Page - STMicroelectronics M48T248Y Datasheet HTML 13Page - STMicroelectronics M48T248Y Datasheet HTML 14Page - STMicroelectronics M48T248Y Datasheet HTML 15Page - STMicroelectronics M48T248Y Datasheet HTML 16Page - STMicroelectronics M48T248Y Datasheet HTML 17Page - STMicroelectronics M48T248Y Datasheet HTML 18Page - STMicroelectronics M48T248Y Datasheet HTML 19Page - STMicroelectronics M48T248Y Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
M48T248Y, M48T248V
16/24
Figure 10. Comparison Register Definition
Note: The odds of this pattern being accidentally duplicated and sending aberrant entries to the RTC is less than 1 in 1019. This pattern is
sent to the clock LSB to MSB.
7
65
4
3
2
1
0
BYTE 0
BYTE 1
BYTE 2
BYTE 3
BYTE 4
BYTE 5
BYTE 6
BYTE 7
Hex
Value
0
1
0
0
0
1
1
1
1
0
1
1
1
0
0
0
1
1
0
0
1
0
0
1
0
0
1
1
0
1
1
0
0
1
0
0
0
1
1
1
1
0
1
1
1
0
0
0
1
1
0
0
1
0
0
1
0
0
1
1
0
1
1
0
C5
3A
A3
5C
C5
3A
A3
5C
AI04262



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com