Electronic Components Datasheet Search
  English  ▼

X  

ABAS16TW-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # ABAS16TW-HF
Description  SMD Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ABAS16TW-HF Datasheet(HTML) 2 Page - Comchip Technology

  ABAS16TW-HF Datasheet HTML 1Page - Comchip Technology ABAS16TW-HF Datasheet HTML 2Page - Comchip Technology ABAS16TW-HF Datasheet HTML 3Page - Comchip Technology ABAS16TW-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rating and Characteristic Curves (ABAS16TW-HF)
Electrical Characteristics (at TA=25°C unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Max.
Unit
Forward voltage
V
25
IF = 1mA
Maximum peak reverse current
0.715
VR = 20V
Reverse breakdown voltage
IR = 1μA
Total capacitance
VR = 0V, f = 1MHz
μA
Reverse recovery time
4
nS
IF = 50mA
V(BR)
IR
VF
CJ
trr
V
100
1
2
pF
IF = IR = 10mA, Irr = 0.1 x IR, RL = 100Ω
SMD Switching Diodes
VR = 75V
0.855
Comchip Technology CO., LTD.
Page 2
REV:A
IF = 10mA
IF = 150mA
VR = 25V, TJ = 150°C
VR = 75V, TJ = 150°C
30
50
1.00
1.25
Typ.
μA
nA
Fig.3 - Typical Capacitance vs.
Reverse Voltage
Reverse Voltage, VR (V)
0
0
1.2
1.6
2
40
0.8
0.4
Fig.4 - Power Derating Curve
Ambient Temperature, TA (°C)
0
150
200
150
100
250
0
100
50
125
50
75
25
10
20
30
1
1.4
0.6
0.2
1.8
f=1MHz
Fig.2 - Typical Reverse Characteristics
0
10
100
20
100
1
0.1
Reverse Voltage, VR (V)
1000
10000
80
40
60
Instantaneous Forward
Voltage, VF (V)
Fig.1 - Forward Characteristics
0
1.5
1
0.01
0.1
1
0.5
0.001
TA=0°C
TA=25°C
TA=75°C
TA=150°C
TA= -40°C
TA= -40°C
TA=0°C
TA=25°C
TA=75°C
TA=125°C
TA=150°C
AQW-J0025



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com