Electronic Components Datasheet Search
  English  ▼

X  

DS4424 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS4424
Description  Two-/Four-Channel, I2C, 7-Bit Sink/Source Current DAC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4424 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS4424 Datasheet HTML 2Page - Maxim Integrated Products DS4424 Datasheet HTML 3Page - Maxim Integrated Products DS4424 Datasheet HTML 4Page - Maxim Integrated Products DS4424 Datasheet HTML 5Page - Maxim Integrated Products DS4424 Datasheet HTML 6Page - Maxim Integrated Products DS4424 Datasheet HTML 7Page - Maxim Integrated Products DS4424 Datasheet HTML 8Page - Maxim Integrated Products DS4424 Datasheet HTML 9Page - Maxim Integrated Products DS4424 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Two-/Four-Channel, I2C, 7-Bit Sink/Source
Current DAC
_______________________________________________________________________________________
9
Applications Information
Example Calculations
for an Adjustable Power Supply
In this example, the
Typical Operating Circuit is used
as a base to create Figure 3, a DC-DC output voltage
of 2.0V with ±20% margin. The adjustable power sup-
ply has a DC-DC converter output voltage, VOUT, of
2.0V and a DC-DC converter feedback voltage, VFB, of
0.8V. To determine the relationship of R0A and R0B,
start with the equation:
Substituting VFB = 0.8V and VOUT = 2.0V, the relation-
ship between R0A and R0B is determined to be:
R0A
≈ 1.5 x R0B
IOUT0 is chosen to be 100µA (midrange source/sink
current for the DS4422/DS4424). Summing the currents
into the feedback node produces the following:
IOUT0 = IR0B - IR0A
Where:
And:
To create a 20% margin in the supply voltage, the value
of VOUT is set to 2.4V. With these values in place, R0B
is calculated to be 2.67k
Ω, and R0A is calculated to be
4.00k
Ω. The current DAC in this configuration allows
the output voltage to be moved linearly from 1.6V to
2.4V using 127 settings. This corresponds to a resolu-
tion of 6.3mV/step.
VCC Decoupling
To achieve the best results when using the DS4422/
DS4424, decouple the power supply with a 0.01µF or
0.1µF capacitor. Use a high-quality ceramic surface-
mount capacitor if possible. Surface-mount compo-
nents minimize lead inductance, which improves
performance, and ceramic capacitors tend to have
adequate high-frequency response for decoupling
applications.
I
VV
R
R0A
OUT
FB
0A
=
−
I
V
R
R0B
FB
0B
=
V
R
RR
FB
0B
0A +
0B
OUT
=× V
DC-DC
CONVERTER
FB
OUT
SDA
SCL
A0
A1
OUT0
GND
*VOUT AND VFB VALUES ARE DETERMINED BY THE DC-DC CONVERTER AND SHOULD NOT BE CONFUSED WITH VOUT AND VRFS OF THE DS4422/DS4424.
RFS0 = 80k
Ω
4.7k
Ω
4.7k
Ω
VCC
VCC
VOUT* = 2.0V
VFB* = 0.8V
FS0
R0B= 2.67k
Ω
R0A = 4.00k
Ω
DS4422/
DS4424
I0A
I0B
IOUT0
Figure 3. Example Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com