Electronic Components Datasheet Search
  English  ▼

X  

M48T35Y Datasheet(PDF) 10 Page - STMicroelectronics

Part # M48T35Y
Description  256 Kbit 32Kb x8 TIMEKEEPER SRAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T35Y Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M48T35Y Datasheet HTML 6Page - STMicroelectronics M48T35Y Datasheet HTML 7Page - STMicroelectronics M48T35Y Datasheet HTML 8Page - STMicroelectronics M48T35Y Datasheet HTML 9Page - STMicroelectronics M48T35Y Datasheet HTML 10Page - STMicroelectronics M48T35Y Datasheet HTML 11Page - STMicroelectronics M48T35Y Datasheet HTML 12Page - STMicroelectronics M48T35Y Datasheet HTML 13Page - STMicroelectronics M48T35Y Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
M48T35, M48T35Y
10/18
CLOCK OPERATIONS
Reading the Clock Updates to the TIMEKEEPER
registers should be halted before clock data is
read to prevent reading data in transition. Because
the BiPORT TIMEKEEPER cells in the RAM array
are only data registers, and not the actual clock
counters, updating the registers can be halted
without disturbing the clock itself.
Updating is halted when a ’1’ is written to the
READ bit, D6 in the Control Register 7FF8h. As
long as a ’1’ remains in that position, updating is
halted. After a halt is issued, the registers reflect
the count; that is, the day, date, and the time that
were current at the moment the halt command was
issued.
All of the TIMEKEEPER registers are updated si-
multaneously. A halt will not interrupt an update in
progress. Updating is within a second after the bit
is reset to a ’0’.
Setting the Clock
Bit D7 of the Control Register 7FF8h is the WRITE
bit. Setting the WRITE bit to a ’1’, like the READ
bit, halts updates to the TIMEKEEPER registers.
The user can then load them with the correct day,
date, and time data in 24 hour BCD format (see
Table 11). Resetting the WRITE bit to a ’0’ then
transfers the values of all time registers 7FF9h-
7FFFh to the actual TIMEKEEPER counters and
allows normal operation to resume.The FT bit and
the bits marked as ’0’ in Table 11 must be written
to ’0’ to allow for normal TIMEKEEPER and RAM
operation. After the WRITE bit is reset, the next
clock update will occur within one second.
See the Application Note AN923 "TIMEKEEPER
rolling into the 21st century" on the for information
on Century Rollover.
Stopping and Starting the Oscillator
The oscillator may be stopped at any time. If the
device is going to spend a significant amount of
time on the shelf, the oscillator can be turned off to
minimize current drain on the battery. The STOP
bit is the MSB of the seconds register. Setting it to
a ’1’ stops the oscillator. The M48T35/35Y is
shipped from STMicroelectronics with the STOP
bit set to a ’1’. When reset to a ’0’, the M48T35/35Y
oscillator starts within 1 second.
Calibrating the Clock
The M48T35/35Y is driven by a quartz controlled
oscillator with a nominal frequency of 32,768 Hz.
The devices are tested not to exceed 35 ppm
(parts per million) oscillator frequency error at
25 °C, which equates to about ±1.53 minutes per
month. With the calibration bits properly set, the
accuracy of each M48T35/35Y improves to better
than ±4 ppm at 25 °C. The oscillation rate of any
crystal changes with temperature (see Figure 10).
Table 11. Register Map
Address
Data
Function/Range
BCD Format
D7
D6
D5
D4
D3
D2
D1
D0
7FFFh
10 Years
Year
Year
00-99
7FFEh
0
0
0
10 M
Month
Month
01-12
7FFDh
0
0
10 Date
Date: Day of Month
Date
01-31
7FFCh
0
FT
CEB
CB
0
Day of Week
Century/Day
00-01/01-07
7FFBh
0
0
10 Hours
Hours (24 Hour Format)
Hour
00-23
7FFAh
0
10 Minutes
Minutes
Minutes
00-59
7FF9h
ST
10 Seconds
Seconds
Seconds
00-59
7FF8h
W
R
S
Calibration
Control
Keys:
S = Sign Bit
FT = Frequency Test Bit (Must be set to ‘0’ upon power for normal operation)
R = Read Bit
W = Write Bit
ST = Stop Bit
0 = Must be set to zero
CEB = Century Enable Bit
CB = Century Bit
Note: When CEB is set to ‘1’, CB will toggle from ‘0’ to ‘1’ or from ‘1’ to ‘0’ at the turn of the century (dependent upon the initial value set).
When CEB is set to ‘0’, CB will not toggle.
The WRITE Bit does not need to be set to write to CEB and CB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com