Electronic Components Datasheet Search
  English  ▼

X  

DMP6018LPSQ Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMP6018LPSQ
Description  60V P-CHANNEL ENHANCEMENT MODE MOSFET PowerDI5060-8
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP6018LPSQ Datasheet(HTML) 3 Page - Diodes Incorporated

  DMP6018LPSQ Datasheet HTML 1Page - Diodes Incorporated DMP6018LPSQ Datasheet HTML 2Page - Diodes Incorporated DMP6018LPSQ Datasheet HTML 3Page - Diodes Incorporated DMP6018LPSQ Datasheet HTML 4Page - Diodes Incorporated DMP6018LPSQ Datasheet HTML 5Page - Diodes Incorporated DMP6018LPSQ Datasheet HTML 6Page - Diodes Incorporated DMP6018LPSQ Datasheet HTML 7Page - Diodes Incorporated DMP6018LPSQ Datasheet HTML 8Page - Diodes Incorporated DMP6018LPSQ Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DMP6018LPSQ
Document number: DS42662 Rev. 3 - 2
3 of 9
www.diodes.com
October 2020
© Diodes Incorporated
DMP6018LPSQ
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
-60
—
—
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current
IDSS
—
—
-1
μA
VDS = -60V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
-1.5
—
-2.5
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS(ON)
—
13
18
m
Ω
VGS = -10V, ID = -17A
—
22
26
VGS = -4.5V, ID = -5A
Diode Forward Voltage
VSD
—
-0.76
-1.0
V
VGS = 0V, IS = -17A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
—
3505
—
pF
VDS = -30V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
—
516
—
Reverse Transfer Capacitance
Crss
—
200
—
Gate Resistance
RG
—
9.1
—
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = -4.5V)
Qg
—
7.1
—
nC
VDS = -30V, ID = -10A
Total Gate Charge (VGS = -10V)
Qg
—
13.7
—
Gate-Source Charge
Qgs
—
1.8
—
Gate-Drain Charge
Qgd
—
3.5
—
Turn-On Delay Time
tD(ON)
—
3.9
—
ns
VDD = -30V, VGS = -10V,
ID = -10A, RG = 2.5Ω
Turn-On Rise Time
tR
—
6.7
—
Turn-Off Delay Time
tD(OFF)
—
16.0
—
Turn-Off Fall Time
tF
—
7.2
—
Body Diode Reverse Recovery Time
tRR
—
32
—
ns
IS = -17A, di/dt = 100A/μs
Body Diode Reverse Recovery Charge
QRR
—
28
—
nC
Notes:
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com