Electronic Components Datasheet Search
  English  ▼

X  

DMP6018LPSQ-13 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # DMP6018LPSQ-13
Description  60V P-CHANNEL ENHANCEMENT MODE MOSFET PowerDI5060-8
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP6018LPSQ-13 Datasheet(HTML) 8 Page - Diodes Incorporated

  DMP6018LPSQ-13 Datasheet HTML 1Page - Diodes Incorporated DMP6018LPSQ-13 Datasheet HTML 2Page - Diodes Incorporated DMP6018LPSQ-13 Datasheet HTML 3Page - Diodes Incorporated DMP6018LPSQ-13 Datasheet HTML 4Page - Diodes Incorporated DMP6018LPSQ-13 Datasheet HTML 5Page - Diodes Incorporated DMP6018LPSQ-13 Datasheet HTML 6Page - Diodes Incorporated DMP6018LPSQ-13 Datasheet HTML 7Page - Diodes Incorporated DMP6018LPSQ-13 Datasheet HTML 8Page - Diodes Incorporated DMP6018LPSQ-13 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
DMP6018LPSQ
Document number: DS42662 Rev. 3 - 2
8 of 9
www.diodes.com
October 2020
© Diodes Incorporated
DMP6018LPSQ
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
Site 1:
PowerDI5060-8
Site 2:
PowerDI5060-8 (SWP) (Type UX)
Dimensions
Value
(in mm)
C
1.270
G
0.660
G1
0.820
X
0.610
X1
4.100
X2
4.420
Y
1.270
Y1
1.020
Y2
3.810
Y3
6.610
Y7
X3
Y2
Y5
X1
G1
X
C
Y(4x)
G
X2
Y3
Y4
Y6
X4
Y1
Y
Y3
Y2
X1
Y1
G1
X2
C
X (8x)
G
Dimensions
Value (in mm)
C
1.270
G
0.660
G1
0.820
X
0.610
X1
4.100
X2
0.755
X3
4.420
X4
5.610
Y
1.270
Y1
0.600
Y2
1.020
Y3
0.295
Y4
1.825
Y5
3.810
Y6
0.180
Y7
6.610



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com