Electronic Components Datasheet Search
  English  ▼

X  

KC1850 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # KC1850
Description  Polycarbonate Film Capacitor Related Document: IEC 60 384-12
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KC1850 Datasheet(HTML) 1 Page - Vishay Siliconix

  KC1850 Datasheet HTML 1Page - Vishay Siliconix KC1850 Datasheet HTML 2Page - Vishay Siliconix KC1850 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.vishay.com
93
KC 1850*
Vishay Roederstein
Document Number 26025
Revision 01-Dec-03
For technical questions, contact dc-film@vishay.com
*Please note: these capacitors are not recommended for new designs.
L
Max.
0.4
H
Max.
5.0 ± 0.4
6.0-1
W
Max.
± 0.4
Marking
Ø 0.5
Polycarbonate Film Capacitor
Related Document: IEC 60 384-12
MAIN APPLICATIONS:
Oscillator, timing and LC/RC filter circuits, high frequency
coupling and decoupling of fast digital and analog IC’s.
MARKING:
Manufacturer's logo/type/C-value/rated voltage/tolerance/
date of manufacture
DIELECTRIC:
Polycarbonate film
ELECTRODES:
Metal foil
COATING:
Flame retardant plastic case (UL-class 94 V-0), red, epoxy
resin sealed
CONSTRUCTION:
Extended foil (refer to general information)
LEADS:
Tinned wire
IEC TEST CLASSIFICATION:
55/100/56, according to IEC 60068
OPERATING TEMPERATURE RANGE:
- 55°C to + 100°C
CAPACITANCE RANGE:
220pF to 10,000pF
CAPACITANCE TOLERANCES:
± 20% (M), ± 10% (K), ± 5% (J)
RATED VOLTAGES (U
R):
63 VDC, 100 VDC, 160 VDC
PERMISSIBLE AC VOLTAGES (RMS) UP TO 60Hz:
40 VAC, 63 VAC, 100 VAC
TEST VOLTAGE (ELECTRODE/ELECTRODE):
2 x UR for 2 s
PULSE RISE TIME:
dv/dt = 1000 V/µs
INSULATION RESISTANCE:
Measured at 100 VDC (63 VDC series measured at 50
VDC) after one minute
500,000 MΩ minimum value (1000 GΩ typical value)
CAPACITANCE DRIFT:
Up to + 40°C, ± 0.5% for a period of two years
DERATING FOR DC AND AC.
CATEGORY VOLTAGE U
C:
At + 85°C: UC = 1.0 UR
At + 100°C: UC = 0.8 UR
SELF INDUCTANCE:
~ 6 nH measured with 2mm long leads
PULL TEST ON LEADS:
≥ 30 N in direction of leads according to IEC 60068-2-21
RELIABILITY:
Operational life > 300,000 h
Failure rate < 1 FIT (40°C and 0.5 x UR)
For further details, please refer to the general information
provided in this catalog.
Dimensions in millimeters
DISSIPATION FACTOR TAN
MEASURED AT
C
≤ 0.1µF
1kHz
2 x 10-3
10kHz
4 x 10-3
100kHz
8 x 10-3
Maximum values
δ
δδ
δδ


Similar Part No. - KC1850

ManufacturerPart #DatasheetDescription
logo
France Joint
KC18X23X4 FRANCEJOINT-KC18X23X4 Datasheet
412Kb / 5P
STANDARD SHAFT SEALS
KC18X24X3.5 FRANCEJOINT-KC18X24X3.5 Datasheet
412Kb / 5P
STANDARD SHAFT SEALS
KC18X24X6 FRANCEJOINT-KC18X24X6 Datasheet
412Kb / 5P
STANDARD SHAFT SEALS
KC18X26X4 FRANCEJOINT-KC18X26X4 Datasheet
412Kb / 5P
STANDARD SHAFT SEALS
KC18X27X4 FRANCEJOINT-KC18X27X4 Datasheet
412Kb / 5P
STANDARD SHAFT SEALS
More results

Similar Description - KC1850

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT1822 VISHAY-MKT1822 Datasheet
54Kb / 4P
Metallized Polyester Film Capacitor Related Document: IEC 60384-2
02-Dec-03
MKC1862 VISHAY-MKC1862 Datasheet
48Kb / 3P
Metallized Polycarbonate Film Capacitor Related Document: IEC 60 384-6
01-Dec-03
MKP1839 VISHAY-MKP1839 Datasheet
47Kb / 3P
Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
01-Dec-03
MKP1846 VISHAY-MKP1846 Datasheet
46Kb / 3P
Metallized Polypropylene Film Capacitor Related Document: IEC 60 384-16
01-Dec-03
MKC1860 VISHAY-MKC1860 Datasheet
45Kb / 3P
Metallized Polycarbonate Film Capacitor Related Document: IEC 60 384-6
01-Dec-03
MKP1845 VISHAY-MKP1845_06 Datasheet
478Kb / 6P
Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
07-Feb-06
MKC1860 VISHAY-MKC1860_05 Datasheet
170Kb / 4P
Metallized Polycarbonate Film Capacitor Related Document: IEC 60384-6
05-Jul-05
MKP1846 VISHAY-MKP1846_05 Datasheet
168Kb / 4P
Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
23-Jun-05
MKP1841 VISHAY-MKP1841_05 Datasheet
196Kb / 5P
Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
23-Jun-05
MKP1837310161G VISHAY-MKP1837310161G Datasheet
150Kb / 3P
Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
23-Jun-05
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com