Electronic Components Datasheet Search
  English  ▼

X  

DN510 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DN510
Description  SUBMINIATURE PROPORTIONALLY CONTROLLED HEATER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DN510 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DN510 Datasheet HTML 1Page - List of Unclassifed Manufacturers DN510 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OUTLINE DIMENSIONS
HEATER BLOCK
DIAGRAM
DATA SHEET
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage
50
VDC
16
Watts
C
o
C
o
120
-65 to +150
VDD
PD
Tmax
Tmin
Power Dissipation
Operating Temperature
Storage Temperature
OPERATING CHARACTERISTICS
Characteristic
Symbol
Min
Max
VDC
C
o
C
o
C
o
C
o
VDD
Tmax
Supply Voltage (Pin 1 to Pin 4)
Steady State Supply Current
@
= +48 VDC
VDD
IS
+28
+50
5.0
350
Temperature Variation over
Operating Voltage
2
Temperature Variation with Load
6
Control Temperature Range
T C
Pin 2 to Pin 3 (See Figure 1)
Control Resistor Value
Maximum Control Temperature
when R = 0 Ohms
C
RC
100
0
Ω
Unit
120
mADC
Turn on power at start-up
@
= + 48Volts
VDD
PD
14
Watts
TV
TL
FEATURES
DN510
SUBMINIATURE PROPORTIONALLY CONTROLLED HEATER
GENERAL DESCRIPTION
The DN510 is a subminiature proportionally controlled heater,
whose temperature can be programmed with a single external
resistor. This device is ideally suited for regulating the temperature
of sensitive electronic components such as fiber optic components and
crystal oscillators. The DN510 is in a ceramic package and can
supply up to 14 watts of power from an unregulated power supply.
• BERYLLIA BASE FOR GOOD THERMAL CONDUCTION
• REGULATION TEMPERATURE FROM 5˚C ABOVE AMBIENT TO 100˚C
• 28 TO 50 VOLT OPERATION
• ELECTRICALLY ISOLATED FROM THE CASE
TA + 5
VDD 1
2
3
RC
4
+
TEMP.
SENSOR
COM.
PIN
1
4
Heater
surface
The DN510 electrical
output pads are Pd-Pt-Ag
and can be soldered. The
solder used, such as SN-62,
should contain silver to
Pad size
is 0.060" x
0.107"
(four places)
0.480"
0.025"
0.110"
0.340"
3
2
0.060"
0.010"
0.010"
0.275"
0.107"
0.041"
0.107"
prevent leaching of the pads
from the substrate.
™
™
xxxx
DN510
Therm
Optics
Page 1


Similar Part No. - DN510

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DN511 ETC2-DN511 Datasheet
306Kb / 2P
SUBMINIATURE PROPORTIONALLY CONTROLLED HEATER
DN515 ETC2-DN515 Datasheet
311Kb / 2P
SUBMINIATURE PROPORTIONALLY CONTROLLED HEATER
More results

Similar Description - DN510

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
51974 MICROPAC-51974 Datasheet
512Kb / 6P
True Hermetically Sealed Proportionally Controlled Heater Hybrids
52280 MICROPAC-52280 Datasheet
115Kb / 3P
True Hermetically Sealed Proportionally Controlled Metal Package Heater Hybrids
logo
List of Unclassifed Man...
HY-7110 ETC1-HY-7110 Datasheet
182Kb / 2P
Miniature Proportionally Controlled Heater
DN511 ETC2-DN511 Datasheet
306Kb / 2P
SUBMINIATURE PROPORTIONALLY CONTROLLED HEATER
DN515 ETC2-DN515 Datasheet
311Kb / 2P
SUBMINIATURE PROPORTIONALLY CONTROLLED HEATER
YB80-240 ETC-YB80-240 Datasheet
123Kb / 1P
PTC Heater
logo
STEGO Elektrotechnik Gm...
CP061 STEGO-CP061 Datasheet
177Kb / 1P
FLAT HEATER
19.08.2020
LP165 STEGO-LP165 Datasheet
583Kb / 1P
ENCLOSURE HEATER
11.11.2022
LPS164 STEGO-LPS164 Datasheet
352Kb / 1P
ENCLOSURE HEATER
11.11.2022
LTS064 STEGO-LTS064 Datasheet
484Kb / 1P
ENCLOSURE HEATER
11.11.2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com