Electronic Components Datasheet Search
  English  ▼

X  

M48T512Y Datasheet(PDF) 12 Page - STMicroelectronics

Part # M48T512Y
Description  3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T512Y Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M48T512Y Datasheet HTML 8Page - STMicroelectronics M48T512Y Datasheet HTML 9Page - STMicroelectronics M48T512Y Datasheet HTML 10Page - STMicroelectronics M48T512Y Datasheet HTML 11Page - STMicroelectronics M48T512Y Datasheet HTML 12Page - STMicroelectronics M48T512Y Datasheet HTML 13Page - STMicroelectronics M48T512Y Datasheet HTML 14Page - STMicroelectronics M48T512Y Datasheet HTML 15Page - STMicroelectronics M48T512Y Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
M48T512Y, M48T512V*
12/21
Calibrating the Clock
The M48T512Y/V is driven by a quartz controlled
oscillator with a nominal frequency of 32,768Hz.
The devices are factory calibrated at 25°C and
tested for accuracy. Clock accuracy will not ex-
ceed 35 ppm (parts per million) oscillator frequen-
cy error at 25°C, which equates to about ±1.53
minutes per month. When the Calibration circuit is
properly employed, accuracy improves to better
than +1/–2 ppm at 25°C. The oscillation rate of
crystals
changes
with
temperature.
The
M48T512Y/V design employs periodic counter
correction. The calibration circuit adds or subtracts
counts from the oscillator divider circuit at the di-
vide by 256 stage (see Figure 9., page 13).
The number of times pulses are blanked (subtract-
ed, negative calibration) or split (added, positive
calibration) depends upon the value loaded into
the five Calibration bits found in the Control Regis-
ter. Adding counts speeds the clock up, subtract-
ing counts slows the clock down. The Calibration
bits occupy the five lower order bits (D4-D0) in the
Control Register 7FFF8h. These bits can be set to
represent any value between 0 and 31 in binary
form. Bit D5 is a Sign bit; '1' indicates positive cal-
ibration, '0' indicates negative calibration. Calibra-
tion occurs within a 64 minute cycle. The first 62
minutes in the cycle may, once per minute, have
one second either shortened by 128 or lengthened
by 256 oscillator cycles. If a binary '1' is loaded into
the register, only the first 2 minutes in the 64
minute cycle will be modified; if a binary 6 is load-
ed, the first 12 will be affected, and so on. There-
fore, each calibration step has the effect of adding
512 or subtracting 256 oscillator cycles for every
125, 829, 120 actual oscillator cycles; that is,
+4.068 or –2.034 ppm of adjustment per calibra-
tion step in the calibration register.
Assuming that the oscillator is running at exactly
32,768Hz, each of the 31 increments in the Cali-
bration byte would represent +10.7 or –5.35 sec-
onds per month which corresponds to a total range
of +5.5 or –2.75 minutes per month.
One method for ascertaining how much calibration
a given M48T512Y/V may require involves setting
the clock, letting it run for a month and comparing
it to a known accurate reference and recording de-
viation over a fixed period of time.
Calibration values, including the number of sec-
onds lost or gained in a given period, can be found
in STMicroelectronics Application Note AN934,
TIMEKEEPER Calibration.” This allows the de-
signer to give the end user the ability to calibrate
the clock as the environment requires, even if the
final product is packaged in a non-user service-
able enclosure. The designer could provide a sim-
ple utility that accesses the Calibration bits. For
more information on calibration (see the Applica-
tion Note AN934, “TIMEKEEPER® Calibration” on
the ST Web Site).
Figure 8. Crystal Accuracy Across Temperature
AI00999
–160
0
10203040506070
Frequency (ppm)
Temperature
°C
80
–10
–20
–30
–40
–100
–120
–140
–40
–60
–80
20
0
–20
∆F
= -0.038
(T - T
0)
2
± 10%
F
ppm
C
2
T
0 = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com