Electronic Components Datasheet Search
  English  ▼

X  

CL325 Datasheet(PDF) 6 Page - Supertex, Inc

Part # CL325
Description  3-Channel 25mA Linear LED Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL325 Datasheet(HTML) 6 Page - Supertex, Inc

  CL325 Datasheet HTML 1Page - Supertex, Inc CL325 Datasheet HTML 2Page - Supertex, Inc CL325 Datasheet HTML 3Page - Supertex, Inc CL325 Datasheet HTML 4Page - Supertex, Inc CL325 Datasheet HTML 5Page - Supertex, Inc CL325 Datasheet HTML 6Page - Supertex, Inc CL325 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
CL325
Lowering CL325 Power Dissipation: Dropping Resistor
Lowering CL325 Power Dissipation: Zener Diode
EN1
EN2
EN3
OUT1
OUT2
OUT3
GND
VDD
CL325
REG
VIN
Host
Controller
1
2
3
87
6
5
4
VLL
ZDROP
VZ < (VLL(MIN) - 6.5V)
where: VZ = Zener Voltage
VLL(MIN) = minimum supply voltage
CIN
100nF
EN1
EN2
EN3
OUT1
OUT2
OUT3
GND
VDD
CL325
REG
VIN
Host
Controller
1
2
3
87
6
5
4
VLL
RDROP
RDROP <
VLL(MIN) - 6.5V
2.3mA
where: RDROP = Dropping resistance
VLL(MIN) = minimum supply voltage
CIN
100nF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com