Electronic Components Datasheet Search
  English  ▼

X  

M48T513V Datasheet(PDF) 16 Page - STMicroelectronics

Part # M48T513V
Description  3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T513V Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M48T513V Datasheet HTML 12Page - STMicroelectronics M48T513V Datasheet HTML 13Page - STMicroelectronics M48T513V Datasheet HTML 14Page - STMicroelectronics M48T513V Datasheet HTML 15Page - STMicroelectronics M48T513V Datasheet HTML 16Page - STMicroelectronics M48T513V Datasheet HTML 17Page - STMicroelectronics M48T513V Datasheet HTML 18Page - STMicroelectronics M48T513V Datasheet HTML 19Page - STMicroelectronics M48T513V Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
M48T513Y, M48T513V
16/23
Table 13. Reset AC Characteristics
(TA = 0 to 70 °C, VCC = 3.0V to 3.6V or VCC = 4.5V to 5.5V)
Note: 1. CL = 5pF (see Figure 5)
Symbol
Parameter
Min
Max
Unit
tR
RSTIN Low to RST Low
20
100
ms
tRHRZ
(1)
RSTIN High to RST Hi-Z
40
200
ms
Figure 14. RSTIN Timing Waveform
AI02585
tRHRZ
RSTIN
RST
tR
Hi-Z
Hi-Z
POWER SUPPLY DECOUPLING
and UNDERSHOOT PROTECTION
ICC transients, including those produced by output
switching, can produce voltage fluctuations, re-
sulting in spikes on the VCC bus. These transients
can be reduced if capacitors are used to store en-
ergy, which stabilizes the VCC bus. The energy
stored in the bypass capacitors will be released as
low going spikes are generated or energy will be
absorbed when overshoots occur. A ceramic by-
pass capacitor value of 0.1
µF (see Figure 15) is
recommended in order to provide the needed fil-
tering. In addition to transients that are caused by
normal SRAM operation, power cycling can gener-
ate negative voltage spikes on VCC that drive it to
values below VSS by as much as one volt. These
negative spikes can cause data corruption in the
SRAM while in battery backup mode. To protect
from these voltage spikes, ST recommends con-
necting a schottky diode from VCC to VSS (cathode
connected to VCC, anode to VSS). (Schottky diode
1N5817 is recommended for through hole and
MBRS120T3 is recommended for surface mount).
Figure 15. Supply Voltage Protection
AI02169
VCC
0.1
µF
DEVICE
VCC
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com