Electronic Components Datasheet Search
  English  ▼

X  

4996331 Datasheet(PDF) 1 Page - fivi STOP

Part # 4996331
Description  Bobbin Mounts - Type VD (Male - Female)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIVISTOP [fivi STOP]
Direct Link  
Logo FIVISTOP - fivi STOP

4996331 Datasheet(HTML) 1 Page - fivi STOP

  4996331 Datasheet HTML 1Page - fivi STOP  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4996306
1008VD10-45
10
8
M4 X 10
45
4.0
1.6
6.4
4996318
1008VD10-60
10
8
M4 X 10
60
7.3
1.6
11.7
4996320
2020VD18-45
20
20
M6 X 18
45
4.5
4.0
18.0
4996331
2020VD18-60
20
20
M6 X 18
60
8.4
4.0
33.6
4996343
2025VD18-45
20
25
M6 X 18
45
3.1
5.0
15.5
4996355
2025VD18-60
20
25
M6 X 18
60
5.6
5.0
28.0
4996367
2515VD18-45
25
15
M6 X 18
45
15.4
3.0
46.2
4996380
2522VD20-45
25
22
M8 X 20
45
8.2
4.4
36.1
4996392
2522VD20-60
25
22
M8 X 20
60
15.6
4.4
68.6
1779142
3020VD20-60
30
20
M8 X 20
60
22.4
4.0
89.6
4996409
3025VD20-45
30
25
M8 X 20
45
8.3
5.0
41.5
4996434
4030VD23-60
40
30
M8 X 23
60
24.6
6.0
147.6
4996446
4030VD25-45
40
30
M10 X 25
45
13.1
6.0
78.6
4996458
4035VD23-60
40
35
M8 X 23
60
18.4
7.0
128.8
4996471
4035VD25-60
40
35
M10 X 25
60
18.4
7.0
128.8
4996483
5035VD25-45
50
35
M10 X 25
45
20.3
7.0
142.1
4996525
5045VD25-60
50
45
M10 X 25
60
21.0
9.0
189.0
Farnell Ref:
Fibet Ref:
D
H
The Type VD Bobbin Mounts are designed to be used on a wide range of applications, and can be used in compression or
shear.
They are manufactured from Natural Rubber in a variety of hardnesses to suit the application, and have zinc plated steel end
sections with either welded or cold formed threads.
This range comes with a Male thread on one end, and a Female thread on the opposite end which is captive to avoid
compromise to the integrity or functionality of the Rubber section.
Maximum
Stiffness
(DaN)
M x I
IRHD
Stiffness
(DaN/mm)
Max. Static
Deflection
(mm)
Bobbin Mounts - Type VD (Male - Female)
LOAD
Fibet VD Mounts
Page 1 of 1
Issue 1


Similar Part No. - 4996331

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
499635 MOLEX11-499635 Datasheet
16Kb / 1P
Anvil
More results

Similar Description - 4996331

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
1400 CANDD-1400 Datasheet
91Kb / 2P
Bobbin Type Inductors
logo
List of Unclassifed Man...
PR14X8 ETC2-PR14X8 Datasheet
57Kb / 1P
C TYPE SMD BOBBIN POT-14X8
logo
Murata Manufacturing Co...
1410313C MURATA-1410313C Datasheet
497Kb / 2P
Bobbin Type Inductors
logo
Datatronic Distribution...
PT12110 DATATRONICS-PT12110 Datasheet
49Kb / 1P
Bobbin Type Fixed Inductors
logo
Murata Manufacturing Co...
KMP_1400 MURATA-KMP_1400 Datasheet
110Kb / 2P
Bobbin Type Inductors
logo
Yamaichi Electronics Co...
DF2-09SM-MN YAMAICHI-DF2-09SM-MN Datasheet
40Kb / 1P
IDC Type (Male / Female)
logo
Murata Power Solutions ...
1410313C MURATA-PS-1410313C Datasheet
340Kb / 2P
Bobbin Type Inductors
logo
List of Unclassifed Man...
4027VE23-60 ETC2-4027VE23-60 Datasheet
76Kb / 1P
Bobbin Mount End Stop - Type VE (Male)
logo
Ultralife Corporation.
UHE-ER14505-H ULTRALIFE-UHE-ER14505-H Datasheet
280Kb / 2P
AA size bobbin cell (energy type)
Rev: -
UHE-ER18505-H ULTRALIFE-UHE-ER18505-H Datasheet
457Kb / 2P
A size bobbin cell (energy type)
Rev: -
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com