Electronic Components Datasheet Search
  English  ▼

X  

1638000000 Datasheet(PDF) 1 Page - Weidmuller

Part # 1638000000
Description  BLZ 5.00/11/270 SN SW
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1638000000 Datasheet(HTML) 1 Page - Weidmuller

  1638000000 Datasheet HTML 1Page - Weidmuller 1638000000 Datasheet HTML 2Page - Weidmuller 1638000000 Datasheet HTML 3Page - Weidmuller 1638000000 Datasheet HTML 4Page - Weidmuller 1638000000 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) |
Socket connectors, tension clamp connection, pitch 5.00/5.08 | BLZ 5.00-5.08/90/270 | BLZ 5.00/270
- 1 -
General ordering data
Order No.
1637900000
Part designation
BLZ 5.00/11/270 SN SW
Version
PCB plug-in connector, Female connectors,
Clamping yoke connection, Clamping range, max.:
3.31 mm², Pitch: 5.00 mm, No. of poles: 11, 270°,
Box
EAN
4008190275167
Qty.
30 pc(s).
System parameters
Conductor connection system
Clamping yoke connection
Outgoing direction of conductor
270°
Pitch
5 mm
Pitch in inch
0.197 inch
No. of poles
11
No. of rows
1
Screwdriver blade
0.6 x 3.5
Screwdriver blade standard
DIN 5264
Tightening torque, min.
0.4 Nm
Tightening torque, max.
0.5 Nm
Clamping screw
M 2.5
Stripping length
7 mm
L1 in mm
50 mm
L1 in inch
1.969 inch
Electric shock protection to DIN VDE 0470
IP 20
Electric shock protection to DIN VDE 0470
Safe from finger touch
Material data
Insulating material
PBT
Colour
black
colour chart
Similar to RAL 9011
Insulating material group
IIIa
Flammability class UL 94
V-0
CTI
>= 200


Similar Part No. - 1638000000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1638000000 WEIDMULLER-1638000000 Datasheet
95Kb / 5P
BLZ 5.00/2/270 SN OR
1638000000 WEIDMULLER-1638000000 Datasheet
95Kb / 5P
BLZ 5.00/3/270 SN OR
1638000000 WEIDMULLER-1638000000 Datasheet
95Kb / 5P
BLZ 5.00/4/270 SN OR
1638000000 WEIDMULLER-1638000000 Datasheet
95Kb / 5P
BLZ 5.00/4/270 SN SW
1638000000 WEIDMULLER-1638000000 Datasheet
95Kb / 5P
BLZ 5.00/5/270 SN OR
More results

Similar Description - 1638000000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1557910000 WEIDMULLER-1557910000 Datasheet
95Kb / 5P
BLZ 5.08/8/270 SN SW
1558310000 WEIDMULLER-1558310000 Datasheet
95Kb / 5P
BLZ 5.08/12/270 SN SW
1596080000 WEIDMULLER-1596080000 Datasheet
94Kb / 5P
BLZ 5.00/4 SN SW
1596090000 WEIDMULLER-1596090000 Datasheet
94Kb / 5P
BLZ 5.00/6 SN SW
1596110000 WEIDMULLER-1596110000 Datasheet
94Kb / 5P
BLZ 5.00/8 SN SW
1596120000 WEIDMULLER-1596120000 Datasheet
94Kb / 5P
BLZ 5.00/10 SN SW
1603300000 WEIDMULLER-1603300000 Datasheet
94Kb / 5P
BLZ 5.00/16 SN SW
1625610000 WEIDMULLER-1625610000 Datasheet
94Kb / 5P
BLZ 5.00/2 SN SW
1625620000 WEIDMULLER-1625620000 Datasheet
94Kb / 5P
BLZ 5.00/3 SN SW
1636970000 WEIDMULLER-1636970000 Datasheet
92Kb / 5P
BLZ 5.00/10/90 SN SW
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com