Electronic Components Datasheet Search
  English  ▼

X  

STW11NK100Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW11NK100Z
Description  N-channel 1000V - 1.1Ω - 8.3A - TO-247 Zener - Protected SuperMESH??PowerMOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW11NK100Z Datasheet(HTML) 1 Page - STMicroelectronics

  STW11NK100Z Datasheet HTML 1Page - STMicroelectronics STW11NK100Z Datasheet HTML 2Page - STMicroelectronics STW11NK100Z Datasheet HTML 3Page - STMicroelectronics STW11NK100Z Datasheet HTML 4Page - STMicroelectronics STW11NK100Z Datasheet HTML 5Page - STMicroelectronics STW11NK100Z Datasheet HTML 6Page - STMicroelectronics STW11NK100Z Datasheet HTML 7Page - STMicroelectronics STW11NK100Z Datasheet HTML 8Page - STMicroelectronics STW11NK100Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
July 2006
Rev 2
1/14
14
STW11NK100Z
STW11NK100Z
N-channel 1000V - 1.1
Ω - 8.3A - TO-247
Zener - Protected SuperMESH™ PowerMOSFET
General features
■ Extremely high dv/dt capability
■ 100% avalanche tested
■ Gate charge minimized
■ Very low intrinsic capacitances
■ Very good manufacturing repeatibility
Description
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established
strip-based PowerMESH™ layout. In addition to
pushing on-resistance significantly down, special
care is taken to ensure a very good dv/dt
capability for the most demanding applications.
Such series complements ST full range of high
voltage MOSFETs including revolutionary
MDmesh™ products.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
(@Tjmax)
RDS(on)
ID
Pw
STW11NK100Z
1000 V
< 1.38
Ω 8.3 A 230W
TO-247
www.st.com
Order codes
Part number
Marking
Package
Packaging
STW11NK100Z
W11NK100Z
TO-247
Tube


Similar Part No. - STW11NK100Z

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW11NK100Z ISC-STW11NK100Z Datasheet
348Kb / 2P
N-Channel Power MOSFET
More results

Similar Description - STW11NK100Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW18NK80Z STMICROELECTRONICS-STW18NK80Z Datasheet
309Kb / 9P
N-CHANNEL 800V - 0.34Ω - 19A TO-247 Zener-Protected SuperMESH™Power MOSFET
July 2003
STW18NK60Z STMICROELECTRONICS-STW18NK60Z Datasheet
206Kb / 9P
N-CHANNEL 600V - 0.27??- 16A TO-247 Zener-Protected SuperMESH??MOSFET
Apr-2004
STW13NK100Z STMICROELECTRONICS-STW13NK100Z Datasheet
208Kb / 9P
N-CHANNEL 1000V - 0.56 OHM - 13A TO-247 Zener-Protected SuperMESH Power MOSFET
March 2004
STW15NK90Z STMICROELECTRONICS-STW15NK90Z Datasheet
208Kb / 9P
N-CHANNEL 900V-0.40ohm-15A TO-247 Zener-Protected SuperMESH MOSFET
Apr-2004
STP5NK100Z STMICROELECTRONICS-STP5NK100Z Datasheet
435Kb / 16P
N-channel 1000V - 2.7??- 3.5A - TO-220/TO-220FP/TO-247 Zener-protected SuperMESH??Power MOSFET
16-Aug-2006
STW52NK25Z STMICROELECTRONICS-STW52NK25Z Datasheet
232Kb / 10P
N-CHANNEL 250V - 0.033??- 52A TO-247 Zener-Protected SuperMESH??MOSFET
22-Nov-2004
STW54NK30Z STMICROELECTRONICS-STW54NK30Z Datasheet
267Kb / 10P
N-CHANNEL 300V - 0.052??- 54A TO-247 Zener-Protected SuperMESH??MOSFET
31-Jan-2005
STW28NK60Z STMICROELECTRONICS-STW28NK60Z Datasheet
224Kb / 10P
N-CHANNEL 600 V - 0.155??- 27A TO-247 Zener-Protected SuperMESH MOSFET
05-Nov-2004
STW13NK100Z STMICROELECTRONICS-STW13NK100Z_06 Datasheet
319Kb / 14P
N-channel 1000V - 0.56??- 13A - TO-247 Zener - Protected SuperMESH??PowerMOSFET
01-Aug-2006
STW12NK95Z STMICROELECTRONICS-STW12NK95Z Datasheet
312Kb / 14P
N-channel 950V - 0.69Ω - 10A - TO-247 Zener - Protected SuperMESH??PowerMOSFET
01-Aug-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com