Electronic Components Datasheet Search
  English  ▼

X  

1671000000 Datasheet(PDF) 1 Page - Weidmuller

Part # 1671000000
Description  BLZF 5.08/11/90 SN OR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1671000000 Datasheet(HTML) 1 Page - Weidmuller

  1671000000 Datasheet HTML 1Page - Weidmuller 1671000000 Datasheet HTML 2Page - Weidmuller 1671000000 Datasheet HTML 3Page - Weidmuller 1671000000 Datasheet HTML 4Page - Weidmuller 1671000000 Datasheet HTML 5Page - Weidmuller 1671000000 Datasheet HTML 6Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) |
Socket connectors, tension spring connection, pitch 5.00/5.08 | BLZF 5.08/90/270 | BLZF 5.08/90
- 1 -
General ordering data
Order No.
1670880000
Part designation
BLZF 5.08/11/90 SN OR
Version
PCB plug-in connector, Female connectors,
Tension clamp connection, Clamping range, max.:
3.31 mm², Pitch: 5.08 mm, No. of poles: 11, 90°,
Box
EAN
4008190432485
Qty.
50 pc(s).
System parameters
Conductor connection system
Tension clamp connection
Outgoing direction of conductor
90°
Pitch
5.08 mm
Pitch in inch
0.2 inch
No. of poles
11
No. of rows
1
Screwdriver blade
0.6 x 3.5
Screwdriver blade standard
DIN 5264-A
Stripping length
10 mm
L1 in mm
50.8 mm
L1 in inch
2 inch
Electric shock protection to DIN VDE 0470
Finger-safe plugged/ back-of-hand-safe
unplugged


Similar Part No. - 1671000000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1671000000 WEIDMULLER-1671000000 Datasheet
98Kb / 6P
BLZF 5.08/2/90 SN OR
1671000000 WEIDMULLER-1671000000 Datasheet
98Kb / 6P
BLZF 5.08/3/90 SN OR
1671000000 WEIDMULLER-1671000000 Datasheet
98Kb / 6P
BLZF 5.08/2/90 SN SW
1671000000 WEIDMULLER-1671000000 Datasheet
98Kb / 6P
BLZF 5.08/4/90 SN SW
1671000000 WEIDMULLER-1671000000 Datasheet
98Kb / 6P
BLZF 5.08/4/90 SN OR
More results

Similar Description - 1671000000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1526660000 WEIDMULLER-1526660000 Datasheet
97Kb / 6P
BLZ 5.08/4 SN OR
1552710000 WEIDMULLER-1552710000 Datasheet
92Kb / 5P
BLZ 5.08/2/90 SN SW
1552760000 WEIDMULLER-1552760000 Datasheet
92Kb / 5P
BLZ 5.08/2/90 SN OR
1553510000 WEIDMULLER-1553510000 Datasheet
92Kb / 5P
BLZ 5.08/10/90 SN SW
1553710000 WEIDMULLER-1553710000 Datasheet
92Kb / 5P
BLZ 5.08/12/90 SN SW
1554110000 WEIDMULLER-1554110000 Datasheet
92Kb / 5P
BLZ 5.08/16/90 SN SW
1716340000 WEIDMULLER-1716340000 Datasheet
97Kb / 5P
BL 5.08/4 SN OR
1716360000 WEIDMULLER-1716360000 Datasheet
97Kb / 5P
BL 5.08/6 SN OR
1716380000 WEIDMULLER-1716380000 Datasheet
97Kb / 5P
BL 5.08/8 SN OR
1722610000 WEIDMULLER-1722610000 Datasheet
92Kb / 4P
BLZF 7.62/2 SN OR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com