Electronic Components Datasheet Search
  English  ▼

X  

ITR9809-F/T Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # ITR9809-F/T
Description  Opto Interrupter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ITR9809-F/T Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  ITR9809-F/T Datasheet HTML 1Page - Everlight Electronics Co., Ltd ITR9809-F/T Datasheet HTML 2Page - Everlight Electronics Co., Ltd ITR9809-F/T Datasheet HTML 3Page - Everlight Electronics Co., Ltd ITR9809-F/T Datasheet HTML 4Page - Everlight Electronics Co., Ltd ITR9809-F/T Datasheet HTML 5Page - Everlight Electronics Co., Ltd ITR9809-F/T Datasheet HTML 6Page - Everlight Electronics Co., Ltd ITR9809-F/T Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1
Page: 2 of 7
Device No:CDRX-980-003
Prepared date:2006/12/28
Prepared by:Kunjiang Xie
ITR9809-F/T
█ Package Dimensions
Notes:
1.All dimensions are in millimeters
2.Tolerances unless dimensions ±0.2mm
3.Lead spacing is measured where the lead emerge from the package
4.Above specification may be changed without notice. EVERLIGHT will reserve authority on
material change for above specification
5.These specification sheets include materials protected under copyright of EVERLIGHT
corporation . Please don’t reproduce or cause anyone to reproduce them without EVERLIGHT’s
consent
6.When using this product , please observe the absolute maximum ratings and the
instructions for use outlined in these specification sheets. EVERIGHT assumes no
responsibility for any damage resulting from use of the product which does not comply
with the absolute maximum ratings and the instructions included in these specification
sheets.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com