Electronic Components Datasheet Search
  English  ▼

X  

ACPDV1524V-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # ACPDV1524V-HF
Description  SMD ESD Protection Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACPDV1524V-HF Datasheet(HTML) 1 Page - Comchip Technology

  ACPDV1524V-HF Datasheet HTML 1Page - Comchip Technology ACPDV1524V-HF Datasheet HTML 2Page - Comchip Technology ACPDV1524V-HF Datasheet HTML 3Page - Comchip Technology ACPDV1524V-HF Datasheet HTML 4Page - Comchip Technology ACPDV1524V-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
Comchip Technology CO., LTD.
RoHS Device
Halogen Free
SMD ESD Protection Diode
Page 1
AQW-JP022
- Low leakage current.
- Fast response time.
- Bi-directional ESD protection of one line.
Maximum Rating (at TJ=25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
Conditions
ACPDV1524V-HF
- Low reverse clamping voltage.
Circuit Diagram
- AEC-Q101 Qualified.
Dimensions in inches and (millimeter)
SOD-323
0.071(1.80)
0.063(1.60)
0.010(0.25)
0.014(0.35)
0.108(2.75)
0.098(2.50)
0.055(1.40)
0.047(1.20)
0.039(1.00)
0.000(0.00)
0.004(0.10)
0.016(0.40)
0.006(0.15)
0.003(0.08)
0.010(0.25)
0.031(0.80)
Mechanical data
- Case: SOD-323, molded plastic.
- Mounting position: Any.
- Terminals: Tin plated, solderable per
MIL-STD-750, method 2026.
REV:A
TL
°C
TSTG
°C
260
-55 to +150
Maximum lead solder temperature (10 second duration)
Operation junction and storage temperature range
- Reverse stand-off voltage: +24V/-15V
ESD
kV
IEC 61000-4-2(air)
IEC 61000-4-2(contact)
ESD capability (Note 1)
±25
ESD voltage per machine mode (Note 1)
JESD22-A 114-B ESD voltage per human body model (Note 1)
±16
±0.4
ESD
ESD
Peak pulse power (Note 2)
PPP
W
Peak pulse current (Note 2)
IPP
A
5
268
Notes: 1. Device stressed with ten non-repetitive ESD pulse.
2. Non-repetitive current pulse 8/20µs exponential decay waveform according to IEC 61000-4-5.
2
1
24V
15V
TP = 8/20µs, Pin 2 to Pin 1 (24V)


Similar Part No. - ACPDV1524V-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACPDV15V-HF COMCHIP-ACPDV15V-HF Datasheet
527Kb / 4P
SMD ESD Protection Diode
REV:A
ACPDV15V0A-HF COMCHIP-ACPDV15V0A-HF Datasheet
488Kb / 5P
SMD ESD Protection Diode
REV:A
More results

Similar Description - ACPDV1524V-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDERT5V0U-HF COMCHIP-CPDERT5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDFR COMCHIP-CPDFR Datasheet
92Kb / 4P
SMD ESD Protection Diode
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR035V0U-HF COMCHIP-CPDTR035V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR055V0C-HF COMCHIP-CPDTR055V0C-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDV5-5V0U COMCHIP-CPDV5-5V0U_12 Datasheet
96Kb / 4P
SMD ESD Protection Diode
CPDQT3V3U-HF COMCHIP-CPDQT3V3U-HF Datasheet
559Kb / 3P
SMD ESD Protection Diode
CPDUR5V0C-HF COMCHIP-CPDUR5V0C-HF Datasheet
238Kb / 4P
SMD ESD Protection Diode
CPDVR083V3U COMCHIP-CPDVR083V3U Datasheet
109Kb / 5P
SMD ESD Protection Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com