Electronic Components Datasheet Search
  English  ▼

X  

ASS14HS-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # ASS14HS-HF
Description  SMD Schottky Barrier Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ASS14HS-HF Datasheet(HTML) 1 Page - Comchip Technology

  ASS14HS-HF Datasheet HTML 1Page - Comchip Technology ASS14HS-HF Datasheet HTML 2Page - Comchip Technology ASS14HS-HF Datasheet HTML 3Page - Comchip Technology ASS14HS-HF Datasheet HTML 4Page - Comchip Technology ASS14HS-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Reverse Voltage: 40V
Forward Current: 1A
RoHS Device
Comchip Technology CO., LTD.
SMD Schottky Barrier Rectifiers
Halogen Free
REV:A
Page 1
AQW-JB052
ASS14HS-HF
Features
- AEC-Q101 Qualified.
- Ideal for automated placement.
- High forward surge capability.
Circuit Diagram
Cathode 1
2 Anode
Mechanical data
- Case: SOD-323HE, molded plastic.
- Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102.
- Polarity: Cathode line denotes the cathode end.
- Mounting position: Any.
- Low forward voltage drop.
- Low power losses, high efficiency.
Dimensions in inches and (millimeter)
SOD-323HE
0.039(1.00)
0.035(0.90)
0.030(0.75)
0.022(0.55)
0.039(0.98)
0.031(0.78)
0.011(0.27)
0.005(0.12)
0.055(1.40)
0.047(1.20)
0.091(2.30)
0.083(2.10)
0.106(2.70)
0.091(2.30)
0.059(1.50)
0.043(1.10)
0.030(0.75)
0.022(0.55)
Maximum Ratings (at TJ=25°C, unless otherwise noted)
Parameter
Unit
Peak repetitive reverse voltage
Maximum DC blocking voltage
Maximum average forward rectified current at TL (Fig.1)
Symbol
VRRM
VDC
IFSM
V
V
A
A
Value
Maximum RMS reverse voltage
VRMS
V
IO
Peak forward surge current, 8.3ms single half sine-wave
40
28
40
1
30
Voltage rate of change (rated VR)
dV/dt
10000
V/µs
Operating junction temperature range
TJ
°C
Storage temperature range
TSTG
°C
-55 to +150
-55 to +150
Notes: 1. Thermal resistance between junction and ambient and between junction and lead mounted on P.C.B without copper pad areas.
3. Thermal resistance between junction and lead mounted on P.C.B with 6mm x 6mm copper pad areas.
Unit
Parameter
Symbol
Value
RθJL
Thermal resistance
°C/W
RθJL
RθJA
260
65
30
(Note 1)
(Note 1)
(Note 3)
Thermal resistance
Thermal resistance
Thermal Characteristics (at TA=25°C, unless otherwise noted)
1
2
RθJ-SP
10
(Note 2)
Thermal resistance
2. Thermal resistance between junction and cathode tab solder point.


Similar Part No. - ASS14HS-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ASS110HS-HF COMCHIP-ASS110HS-HF Datasheet
467Kb / 4P
SMD Schottky Barrier Rectifiers
REV:A
ASS115HS-HF COMCHIP-ASS115HS-HF Datasheet
468Kb / 4P
SMD Schottky Barrier Rectifiers
REV:A
ASS16HS-HF COMCHIP-ASS16HS-HF Datasheet
466Kb / 4P
SMD Schottky Barrier Rectifiers
REV:A
More results

Similar Description - ASS14HS-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
SMD Schottky Barrier Rectifiers
CDBA220-HF COMCHIP-CDBA220-HF Datasheet
94Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA320-G COMCHIP-CDBA320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA3150-HF COMCHIP-CDBA3150-HF Datasheet
97Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB320-G COMCHIP-CDBB320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB5150-HF COMCHIP-CDBB5150-HF Datasheet
98Kb / 4P
SMD Schottky Barrier Rectifiers
CDBC3150-HF COMCHIP-CDBC3150-HF Datasheet
96Kb / 4P
SMD Schottky Barrier Rectifiers
CDBFN120-HF COMCHIP-CDBFN120-HF_12 Datasheet
95Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com