Electronic Components Datasheet Search
  English  ▼

X  

US3M-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # US3M-13
Description  3.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

US3M-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  US3M-13 Datasheet HTML 1Page - Diodes Incorporated US3M-13 Datasheet HTML 2Page - Diodes Incorporated US3M-13 Datasheet HTML 3Page - Diodes Incorporated US3M-13 Datasheet HTML 4Page - Diodes Incorporated US3M-13 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
US3M
Document number: DS37228 Rev. 5 - 2
2 of 5
www.diodes.com
April 2015
© Diodes Incorporated
US3M
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
1,000
V
RMS Reverse Voltage
VR(RMS)
700
V
Average Rectified Output Current
@ TT = +75°C
IO
3.0
A
Non-Repetitive Peak Forward Surge Current, 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
120
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance, Junction to Terminal (Note 7)
RθJT
26
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +175
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 5)
V(BR)R
1,000
—
—
V
IR=10μA
Forward Voltage
VF
—
1.5
1.8
V
IF = 3.0A
Leakage Current (Note 5)
IR
—
—
2.2
14
10
500
μA
VR =1,000V, TA = +25°C
VR =1,000V, TA = +125°C
Reverse Recovery Time
trr
—
70
85
ns
IF = 0.5A, IR = 1.0A, Irr = 0.25A
Total Capacitance
CT
—
25
—
pF
VR = 4V, f =1.0MHz
Notes:
5. Short duration pulse test used to minimize self-heating effect.
6. Device mounted on FR-4 substrate, 1" x 1", 2oz, single-sided, PC boards with 0.15" x 0.26" copper pads.
7. Device mounted on FR-4 substrate, 1" x 1", 2oz, single-sided, PC boards with 0.56" x 0.73" copper pads.
Figure 1 DC Forward Current Derating
T , AMBIENT TEMPERATURE (°C)
A
0
0 50
.
1
1 50
.
2
2 50
.
3
3 50
.
4
25
50
75
100
125
150
175
Note 6
Note 7
Figure 2 Typical Reverse Characteristics
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
0.01
0.1
1
10
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
T = -55°C
A
T =175°C
A
T = 25°C
A
T = 85°C
A
T =100°C
A
T = 125°C
A
T =150°C
A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com