Electronic Components Datasheet Search
  English  ▼

X  

D01929 Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # D01929
Description  Assorters With Removable Inserts Various Sizes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

D01929 Datasheet(HTML) 1 Page - Premier Farnell Limited.

  D01929 Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
www.mcmelectronics.com
Page <1>
V1.0
16/05/12
Assorters With Removable Inserts
Various Sizes
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
DURATOOL is the registered trademark of the Group. © Premier Farnell plc 2012.
Description
Part Number
Assorter, 175mm × 140mm × 30mm
D01929
Assorter, 240mm × 195mm × 55mm
D01930
Assorter, 340mm × 250mm × 60mm
D01931
Assorter, 415mm × 330mm × 55mm
D01932
Part Number Table
Features
•  Sliding locks secure the lid
•  Lid attached by 2 hinges
•  Clear lid making contents visible
A range of assortment cases with removable inserts


Similar Part No. - D01929

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D01926 DURATOOL-D01926 Datasheet
338Kb / 1P
Assorter Various Sizes
16/05/12 V1.0
D01927 DURATOOL-D01927 Datasheet
338Kb / 1P
Assorter Various Sizes
16/05/12 V1.0
D01928 DURATOOL-D01928 Datasheet
338Kb / 1P
Assorter Various Sizes
16/05/12 V1.0
More results

Similar Description - D01929

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
02-09-8104 MOLEX11-02-09-8104 Datasheet
104Kb / 1P
CRIMP TERMINAL, MALE, GROUND PIN, .093 DIA., FOR VARIOUS WIRE SIZES
logo
Pulse A Technitrol Comp...
PE-53362NLT PULSE-PE-53362NLT Datasheet
181Kb / 2P
Fifteen package sizes
logo
Glenair, Inc.
240-383Q GLENAIR-240-383Q Datasheet
118Kb / 2P
Plug with Crimp Removable Contacts
logo
Illinois Capacitor, Inc...
KXM ILLINOISCAPACITOR-KXM Datasheet
240Kb / 3P
Standardized case sizes - High ripple current ??Multiplecase sizes
logo
Laird Tech Smart Techno...
ECE115 LSTD-ECE115 Datasheet
1Mb / 1P
Able to extrude in various sizes and profiles
CP10-127-06 LSTD-CP10-127-06 Datasheet
218Kb / 3P
Compact geometric sizes
CP14-199-045 LSTD-CP14-199-045 Datasheet
219Kb / 2P
Compact geometric sizes
logo
Maxim Integrated Produc...
MAX1300AEVKIT MAXIM-MAX1300AEVKIT Datasheet
1Mb / 26P
Various Sample Sizes and Sample Rates
Rev 0; 2/12
MAX11261SYS1 MAXIM-MAX11261SYS1 Datasheet
4Mb / 18P
Various Sample Sizes and Sample Rates
Rev 0; 3/18
MAX11166EVSYS MAXIM-MAX11166EVSYS Datasheet
1Mb / 17P
Various Sample Sizes and Sample Rates
Rev 0; 6/13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com