Electronic Components Datasheet Search
  English  ▼

X  

LC260W01 Datasheet(PDF) 18 Page - LG Semicon Co.,Ltd.

Part # LC260W01
Description  26.0??WXGA TFT LCD
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LC260W01 Datasheet(HTML) 18 Page - LG Semicon Co.,Ltd.

Back Button LC260W01 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LC260W01 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LC260W01 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LC260W01 Datasheet HTML 17Page - LG Semicon Co.,Ltd. LC260W01 Datasheet HTML 18Page - LG Semicon Co.,Ltd. LC260W01 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LC260W01 Datasheet HTML 20Page - LG Semicon Co.,Ltd. LC260W01 Datasheet HTML 21Page - LG Semicon Co.,Ltd. LC260W01 Datasheet HTML 22Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Product Specification
18 / 27
LC260W01
Liquid Crystal Display
Ver. 0.0
Dec. 10, 2003
FIG. 3 Response Time
The response time is defined as the following figure and shall be measured by switching the input signal
for “black” and “white”.
FIG. 2 Luminance
<measuring point for surface luminance & measuring point for luminance variation>
TrR
TrD
100
90
10
0
Optical
Response
H
A : H/4 mm,
B : V/4 mm,
H : 566.4 mm
V : 339.84 mm
@ H,V : Active Area
L1
L3
L2
L5
L4
A
B
V
Active Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com