Electronic Components Datasheet Search
  English  ▼

X  

TM15/12 Datasheet(PDF) 3 Page - ABB

Part # TM15/12
Description  TM15/12 Fail safe bell transformer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

TM15/12 Datasheet(HTML) 3 Page - ABB

  TM15/12 Datasheet HTML 1Page - ABB TM15/12 Datasheet HTML 2Page - ABB TM15/12 Datasheet HTML 3Page - ABB TM15/12 Datasheet HTML 4Page - ABB TM15/12 Datasheet HTML 5Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
11/29/2019
ABB TM15/12
https://new.abb.com/products/2CSM228735R0802?printPreview
3/5
Extended Product Type:
TM15/12
Product ID:
2CSM228735R0802
EAN:
8012542287353
Catalog Description:
TM15/12 Fail safe bell transformer
Long Description:
These transformers, with safety extremely-low voltage secondary
(SELV), are suitable for driving loads that call for a discontinuous
supply.
E-Number (Sweden):
5270507
EAN:
8012542287353
Minimum Order Quantity:
1 piece
Customs Tariff Number:
85043121
Product Net Width:
35 mm
Product Net Height:
0.085 m
Product Net Length:
65 mm
Product Net Depth /
Length:
0.065 m
Product Net Weight:
0.300 kg
Package Level 1 Units:
6 piece
Package Level 1 Width:
0.09 m
Package Level 1 Height:
0.08 m
Package Level 1 Depth /
Length:
0.036 m
Package Level 1 Gross
Weight:
2.1 kg
Package Level 1 EAN:
8012542287360
RoHS Status:
Following EU Directive 2002/95/EC August 18, 2005 and
amendment
Options Provided:
None
TM15/12
General Information
Categories
Products » Low Voltage Products and Systems » Modular DIN Rail Products » Command and
Signalling devices » Bells and safety transformers
Ordering
Dimensions
Container Information
Environmental
Additional Information



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com