Electronic Components Datasheet Search
  English  ▼

X  

BSR10P Datasheet(PDF) 2 Page - ABB

Part # BSR10P
Description  Sentry BSR10P Safety relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

BSR10P Datasheet(HTML) 2 Page - ABB

  BSR10P Datasheet HTML 1Page - ABB BSR10P Datasheet HTML 2Page - ABB BSR10P Datasheet HTML 3Page - ABB BSR10P Datasheet HTML 4Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1 piece
Minimum Order Quantity
85364900
Customs Tariff Number
Popular Downloads
2TLC010037L0201
Data Sheet, Technical
Information
2TLC010060M0201
Instructions and
Manuals
2CDC001079B0201
CAD Dimensional
Drawing
2TLC010001U0201
Dimension Diagram
2TLC010004T0001
Wiring Diagram
2TLC010019N0201
2TLC010018N0201
Marketing Video
Dimensions
22.5 mm
Product Net Width
120 mm
Product Net Height
120 mm
Product Net Depth /
Length
0.19 kg
Product Net Weight
Technical
Expansion relay - No monitoring of two channel fault
Function
Start/test input
Sub-Function
No Time Delay
Timer Relay Type
24 V DC
Rated Control Supply
Voltage (Us)
IP20
Degree of Protection
Crimped Pin 1x0.2...2.5 mm²
Crimped Pin 2x0.25...1.5 mm²
Flexible with Ferrule 1x0.2...2.5 mm²
Flexible with Ferrule 2x0.25...1.5 mm²
Solid 1x0.2...2.5 mm²
Solid 2x0.25...1.5 mm²
Connecting Capacity
6.5 mm
Wire Stripping Length
TH35-15 (35 x 15 mm Mounting Rail) acc. to IEC 60715
TH35-7.5 (35 x 7.5 mm Mounting Rail) acc. to IEC 60715
Mounting on DIN Rail
IS0 13849
Standards
Technical UL/CSA
Crimped Pin 1x 24-14 AWG
Flexible with Ferrule 1x 24-14 AWG
Solid 1x 24-14 AWG
Connecting Capacity
UL/CSA
Environmental
Operation -25 ... +65 °C
Storage -40 ... +70 °C
Ambient Air
Temperature
Following EU Directive 2011/65/EU
RoHS Status
Certificates and Declarations
2
Sentry BSR10P
© 2023 ABB. All rights reserved.
Subject to change without notice
2023/08/12



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com