Electronic Components Datasheet Search
  English  ▼

X  

CP8056P Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CP8056P
Description  EPROM/ROM-Based 8-Bit Microcontroller Series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP8056P Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CP8056P Datasheet HTML 1Page - List of Unclassifed Manufacturers CP8056P Datasheet HTML 2Page - List of Unclassifed Manufacturers CP8056P Datasheet HTML 3Page - List of Unclassifed Manufacturers CP8056P Datasheet HTML 4Page - List of Unclassifed Manufacturers CP8056P Datasheet HTML 5Page - List of Unclassifed Manufacturers CP8056P Datasheet HTML 6Page - List of Unclassifed Manufacturers CP8056P Datasheet HTML 7Page - List of Unclassifed Manufacturers CP8056P Datasheet HTML 8Page - List of Unclassifed Manufacturers CP8056P Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
CHENGPIN
CP8056
P.4/
CP8056
1.0 MEMORY ORGANIZATION
CP8056 memory is organized into program memory and data memory.
1.1 Program Memory Organization
The
CP8056 have a 10-bit Program Counter capable of addressing a 1K×13 program memory space.
The RESET vector for the
CP8056 is at 3FFh.
The H/W interrupt vector is at 008h. And the S/W interrupt vector is at 002h.
CP8056 supports all ROM/EPROM area CALL/GOTO instructions without page.
FIGURE 1.1: Program Memory Map and STACK
PC<9:0>
Stack 1
Stack 2
Stack 3
Stack 4
Stack 5
3FFh
Reset Vector
:
:
008h H/W Interrupt Vector
002h S/W Interrupt Vector
000h
CP8056



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com