Electronic Components Datasheet Search
  English  ▼

X  

3613. Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # 3613.
Description  Wire Stripper
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

3613. Datasheet(HTML) 1 Page - Premier Farnell Limited.

  3613. Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
www.mcmelectronics.com
Page <1>
V1.0
08/06/12
Wire Stripper
Notes:
For stripping wire from 10 to 30 AWG [Ø
0.25mm ~ Ø2.5mm]
Length
: 5″ [125 ± 2mm]
Material
: 2.3mm Mild Carbon Steel
Hardness
: HR30N 45
~ 50
Finish
: Black Oxide
Description
Part Number
Wire Stripper
3613
Part Number Table
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
DURATOOL is the registered trademark of the Group. © Premier Farnell plc 2012.


Similar Part No. - 3613.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3613 ETC2-3613 Datasheet
111Kb / 4P
CAT6 (400MHz), 4-Pair, U/UTP-Unshielded, Plenum-CMP, Premise Horizontal Cable
logo
Lumberg
3613 LUMBERG-3613 Datasheet
673Kb / 4P
RAST 5 connectors, pitch 5.0 mm
logo
Heyco.
3613 HEYCO-3613 Datasheet
153Kb / 1P
Cable Holders - Adhesive Back Mount
logo
ASSUN MOTOR Pte Ltd.
3613 ASSUN-3613 Datasheet
328Kb / 1P
STANDARD SERIES
2024-A
3613 ASSUN-3613 Datasheet
618Kb / 1P
HIGH TEMPERATURE SERIES
2024-A
More results

Similar Description - 3613.

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63817-0000 MOLEX-63817-0000 Datasheet
120Kb / 1P
Manual Wire Stripper
logo
List of Unclassifed Man...
L-4421 ETC2-L-4421 Datasheet
1Mb / 2P
Stripmaster Wire Stripper Blade Set for 45-092 Wire Stripper
logo
Molex Electronics Ltd.
0638170000 MOLEX11-0638170000 Datasheet
40Kb / 1P
Manual Wire Stripper
63817-1300 MOLEX-63817-1300 Datasheet
425Kb / 2P
Micro Precision Wire Stripper
09-19-17
63817-1100 MOLEX-63817-1100 Datasheet
985Kb / 4P
Manual Wire Stripper Tool
05-18-17
ATS-638170000 MOLEX-ATS-638170000 Datasheet
383Kb / 3P
Manual Wire Stripper Tool
10-29-10
ATS-638170800 MOLEX-ATS-638170800 Datasheet
425Kb / 2P
Micro Precision Wire Stripper
09-19-17
ATS-638171400 MOLEX-ATS-638171400 Datasheet
425Kb / 2P
Micro Precision Wire Stripper
09-19-17
ATS-640160040 MOLEX-ATS-640160040 Datasheet
108Kb / 2P
Manual Wire Stripper Tool
07-09-12
63817-1200 MOLEX-63817-1200 Datasheet
452Kb / 3P
Manual Wire Stripper Tool
03-06-18
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com