Electronic Components Datasheet Search
  English  ▼

X  

1367053 Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # 1367053
Description  3 Pc Mini G Clamp Set
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

1367053 Datasheet(HTML) 1 Page - Premier Farnell Limited.

  1367053 Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3 Pc Mini G Clamp Set
Ì Range of mini G clamps
Ì Manufactured from cast iron
Ì Includes: 1", 2" & 3" capacity clamps
454541
Clamp Width
Order Code
price each
Clamp Set
1367053


Similar Part No. - 1367053

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
1367050 DURATOOL-1367050 Datasheet
44Kb / 1P
7 Piece Contractors Paint Brush Set
1367051 DURATOOL-1367051 Datasheet
28Kb / 1P
10" Caulking Gun
1367052 DURATOOL-1367052 Datasheet
32Kb / 1P
Hard Cap Knee Pads
1367054 DURATOOL-1367054 Datasheet
37Kb / 1P
Mini Folding Utility Knife
1367056 DURATOOL-1367056 Datasheet
33Kb / 1P
3 Piece Tool Box
More results

Similar Description - 1367053

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
160X11189X CONEC-160X11189X Datasheet
45Kb / 1P
CABLE CLAMP SET
logo
PHOENIX CONTACT
1720479 PHOENIX-1720479 Datasheet
76Kb / 4P
Electronic housing - PC 5/ 3-G-7,62
1804807 PHOENIX-1804807 Datasheet
164Kb / 5P
PC 4/ 3-G-7,62
1716847 PHOENIX-1716847 Datasheet
257Kb / 7P
PCB header - PC 16 HC/ 3-G-10,16
Jul 20, 2022
1190487 PHOENIX-1190487 Datasheet
446Kb / 10P
PCB header - PC 6/ 3-G-7,62 P26THR
Jul 20, 2022
1199930 PHOENIX-1199930 Datasheet
469Kb / 11P
PCB header - PC 6/ 3-G-7,62 P26THRR56
Jul 20, 2022
logo
3M Electronics
373 3M-373_V01 Datasheet
1Mb / 7P
Mini-Clamp Socket
September 18, 2018
logo
PHOENIX CONTACT
1054547 PHOENIX-1054547 Datasheet
262Kb / 9P
PCB header - PC 6/ 3-G-7,62
Jan 10, 2023
logo
CONEC Elektronische Bau...
160X10149X CONEC-160X10149X Datasheet
33Kb / 1P
CABLE CLAMP SET FOR HOOD 50pos.
2002.19.04
160X11199X CONEC-160X11199X Datasheet
51Kb / 1P
CABLE CLAMP SET FOR HOOD 50pos.
2002.19.04
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com