Electronic Components Datasheet Search
  English  ▼

X  

D00345 Datasheet(PDF) 2 Page - Premier Farnell Limited.

Part # D00345
Description  Industrial Tweezers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

D00345 Datasheet(HTML) 2 Page - Premier Farnell Limited.

  D00345 Datasheet HTML 1Page - Premier Farnell Limited. D00345 Datasheet HTML 2Page - Premier Farnell Limited. D00345 Datasheet HTML 3Page - Premier Farnell Limited. D00345 Datasheet HTML 4Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Industrial Tweezers
Page <2>
11/04/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
www.mcmelectronics.com
D00343
Curved Fine Tweezers 115 mm
D00344
As 7 but Stronger 115 mm
D00345
General Purpose Straight Tweezers
D00346
Strong Tips, Serrated Grip Tweezers
D00347
General Purpose Straight Tweezers 130 mm
D00348
Long Fine tips Tweezers 150 mm
D00349
Kit of 00.SA, 2A.SA, 3C.SA, 5.SA, 7.SA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com