Electronic Components Datasheet Search
  English  ▼

X  

ISOS510-SP Datasheet(PDF) 4 Page - Texas Instruments

Part # ISOS510-SP
Description  ISOS510-SP Radiation Hardened, Current-Driven Analog Isolator With Transistor Output
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISOS510-SP Datasheet(HTML) 4 Page - Texas Instruments

  ISOS510-SP Datasheet HTML 1Page - Texas Instruments ISOS510-SP Datasheet HTML 2Page - Texas Instruments ISOS510-SP Datasheet HTML 3Page - Texas Instruments ISOS510-SP Datasheet HTML 4Page - Texas Instruments ISOS510-SP Datasheet HTML 5Page - Texas Instruments ISOS510-SP Datasheet HTML 6Page - Texas Instruments ISOS510-SP Datasheet HTML 7Page - Texas Instruments ISOS510-SP Datasheet HTML 8Page - Texas Instruments ISOS510-SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range of -55
℃ to +125℃ (unless otherwise noted)(1)
MIN
MAX
UNIT
IF(max)
Maximum Input forward current
15
mA
VCEO
Collector-emitter voltage
35
V
VECO
Emitter-collector voltage
7
V
IFP
Input pulse forward current (1μs width)
1
A
VR
Input reverse voltage
7
V
PI
Input power dissipation
86
mW
IC
Collector current
15
mA
PC
Collector power dissipation
86
mW
PT
Total power dissipation
172
mW
TA
Ambient temperature
–55
125
°C
TJ
Junction temperature
–55
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under the operational sections of this document.
If used outside the listed operational conditions but within the Absolute Maximum Ratings, the device may not be fully functional, and
this may affect device reliability, functionality, performance, and shorten the device lifetime.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins (1)
±2000
V
Charged device model (CDM), per JEDEC specification JESD22C101, all pins (2)
±1000
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process.
5.3 Recommended Operating Conditions
over operating free-air temperature range of -55
℃ to +125℃ (unless otherwise noted)
MIN
NOM
MAX
UNIT
IF(ON)
Input ON-state forward current
0.7
10
mA
VR
Input reverse voltage
5
V
VCEO
Collector-emitter voltage
-5
30
V
TA
Ambient temperature
-55
125
°C
5.4 Thermal Information
THERMAL METRIC (1)
ISOS510-SP
UNIT
DFG (SOIC)
4 PINS
RθJA
Junction-to-ambient thermal resistance
283.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
173.1
°C/W
RθJB
Junction-to-board thermal resistance
201.4
°C/W
ψJT
Junction-to-top characterization parameter
125.1
°C/W
ψJB
Junction-to-board characterization parameter
198.0
°C/W
(1)
For more information about traditional and new thermal metrics, see Semiconductor and IC Package Thermal Metrics application note.
ISOS510-SP
SLVSJM3 – MAY 2026
www.ti.com
4
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: ISOS510-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com