Electronic Components Datasheet Search
  English  ▼

X  

PISOS510DFGTSP Datasheet(PDF) 8 Page - Texas Instruments

Part # PISOS510DFGTSP
Description  ISOS510-SP Radiation Hardened, Current-Driven Analog Isolator With Transistor Output
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PISOS510DFGTSP Datasheet(HTML) 8 Page - Texas Instruments

Back Button PISOS510DFGTSP Datasheet HTML 4Page - Texas Instruments PISOS510DFGTSP Datasheet HTML 5Page - Texas Instruments PISOS510DFGTSP Datasheet HTML 6Page - Texas Instruments PISOS510DFGTSP Datasheet HTML 7Page - Texas Instruments PISOS510DFGTSP Datasheet HTML 8Page - Texas Instruments PISOS510DFGTSP Datasheet HTML 9Page - Texas Instruments PISOS510DFGTSP Datasheet HTML 10Page - Texas Instruments PISOS510DFGTSP Datasheet HTML 11Page - Texas Instruments PISOS510DFGTSP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
5.8 Switching Characteristics
All specifications are at TA = 25℃ unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
AC
tr
Rise time, see Figure 6-2 and Figure 6-3
VCC = 10V, IC = 2mA, RL= 100Ω, CL =
50pF
3.2
μs
tf
Fall time, see Figure 6-2 and Figure 6-3
VCC = 10V, IC = 2mA, RL= 100Ω, CL =
50pF
4.0
μs
TON
Turn on time, see Figure 6-2 and Figure
6-3
VCC = 10V, IC = 2mA, RL= 100Ω, CL =
50pF
5.7
μs
VCC=5V, RL=4.7kΩ, IF=1.6mA, CL=50pF
3.5
μs
VCC=5V, RL=1.9kΩ, IF=16mA, CL=50pF
0.62
μs
TOFF
Turn off time, see Figure 6-2 and Figure
6-3
VCC = 10V, IC = 2mA, RL= 100Ω, CL =
50pF
3.6
μs
VCC=5V, RL=4.7kΩ, IF=1.6mA, CL=50pF
8
μs
VCC=5V, RL=1.9kΩ, IF=16mA, CL=50pF
10
μs
ts
Storage time; time required for the
output waveform to change from 0%
(100%) to 10% (90%) when input is
turned on and back off, see Figure 6-3
VCC = 5V, IF = 1.6mA, RL = 4.7kΩ
21
μs
BW
Bandwidth, see Figure 6-4
VIN_DC = 5V, VIN_AC = 1Vpk, RIN =
2kΩ VCC= 5V, RLOAD = 100Ω, CL =
50pF, measured at VCE –3dB sinewave
680
kHz
ISOS510-SP
SLVSJM3 – MAY 2026
www.ti.com
8
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: ISOS510-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com