Electronic Components Datasheet Search
  English  ▼

X  

1367040 Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # 1367040
Description  3 Piece Plier Set
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

1367040 Datasheet(HTML) 1 Page - Premier Farnell Limited.

  1367040 Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3 Piece Plier Set
Ì A set of 3 of the most regularly used pliers
Ì Bi-material cushion grip handles
Ì Drop forged, heat treated steel
Ì Fully polished heads
Contents:
- 7" Diagonal pliers
- 8" Combination pliers
- 8" Long nose pliers
482922.462078
Order Code
price/set
1367040


Similar Part No. - 1367040

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
1367042 DURATOOL-1367042 Datasheet
39Kb / 1P
22 Piece Screwdriver Set
More results

Similar Description - 1367040

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1680222 ETC2-1680222 Datasheet
121Kb / 1P
Water Pump Plier
BU-40A-0 ETC2-BU-40A-0 Datasheet
57Kb / 1P
Micro Plier-Type Clip
BU-41A-0 ETC2-BU-41A-0 Datasheet
91Kb / 1P
LARGE PLIER CLIP
BU-46A-0 ETC2-BU-46A-0 Datasheet
50Kb / 1P
Miniature Plier-Type Clip
BU-46A-2 ETC2-BU-46A-2 Datasheet
50Kb / 1P
Miniature Plier-Type Clip
BU-46C-0 ETC2-BU-46C-0 Datasheet
50Kb / 1P
Miniature Plier-Type Clip
BU-46C-023Z ETC2-BU-46C-023Z Datasheet
81Kb / 1P
Miniature Plier-Type Clip
logo
PHOENIX CONTACT
1208953 PHOENIX-1208953 Datasheet
59Kb / 3P
Tool set - TOOL-SET ALLROUND 3
logo
SparkFun Electronics
TOL-15003 SPARKFUN-TOL-15003 Datasheet
93Kb / 2P
Magnetic Screwdriver Set (20 Piece)
12??0??8
logo
Lapp.
FL52ERA LAPP-FL52ERA Datasheet
839Kb / 3P
FLEXIMARK Plier FL52ERA FL52A
18.12.2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com