Electronic Components Datasheet Search
  English  ▼

X  

MAX4867 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4867
Description  Overvoltage Protection Controllers with Reverse Polarity Protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4867 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4867 Datasheet HTML 1Page - Maxim Integrated Products MAX4867 Datasheet HTML 2Page - Maxim Integrated Products MAX4867 Datasheet HTML 3Page - Maxim Integrated Products MAX4867 Datasheet HTML 4Page - Maxim Integrated Products MAX4867 Datasheet HTML 5Page - Maxim Integrated Products MAX4867 Datasheet HTML 6Page - Maxim Integrated Products MAX4867 Datasheet HTML 7Page - Maxim Integrated Products MAX4867 Datasheet HTML 8Page - Maxim Integrated Products MAX4867 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Overvoltage Protection Controllers
with Reverse Polarity Protection
4
_______________________________________________________________________________________
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
SUPPLY CURRENT vs. SUPPLY VOLTAGE
(MAX4864L)
SUPPLY VOLTAGE (V)
25
20
15
10
5
50
100
150
200
250
300
350
0
030
REVERSE CURRENT vs. OUTPUT VOLTAGE
(MAX4864L)
OUTPUT VOLTAGE (V)
4
3
2
1
0.1
0.2
0.3
0.4
0
05
EN = 3V
REVERSE CURRENT vs. OUTPUT VOLTAGE
(MAX4864L)
OUTPUT VOLTAGE (V)
4
3
2
1
20
40
60
80
0
05
EN = 0V
DEVICE TURNS ON
AT TRANSITION
MAX4864L/MAX4865L/MAX4866L
GATEN VOLTAGE vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
6
4
2
3
6
9
12
15
0
08
MAX4864L
MAX4865L
MAX4866L
MAX4867
GATEN VOLTAGE vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
6
4
2
3
6
9
12
15
0
08
MAX4867
POWER-UP RESPONSE
MAX4864 toc06
20ms/div
10V
0V
5V
0V
IN
GATEN
FLAG
5V
0V
ADAPTER
5V
0V
POWER-UP RESPONSE
MAX4864 toc07
IN
5V/div
FLAG
5V/div
OUT
5V/div
ADAPTER
5V/div
20ms/div
IIN
1A/div
OVERVOLTAGE RESPONSE
MAX4864 toc08
IN
FLAG
5V/div
GATEN
5V/div
ADAPTER
2
µs/div
IGATEN
10mA/div
5V
8V
5V
8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com