Electronic Components Datasheet Search
  English  ▼

X  

MAX4865LELT Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4865LELT
Description  Overvoltage Protection Controllers with Reverse Polarity Protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4865LELT Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4865LELT Datasheet HTML 1Page - Maxim Integrated Products MAX4865LELT Datasheet HTML 2Page - Maxim Integrated Products MAX4865LELT Datasheet HTML 3Page - Maxim Integrated Products MAX4865LELT Datasheet HTML 4Page - Maxim Integrated Products MAX4865LELT Datasheet HTML 5Page - Maxim Integrated Products MAX4865LELT Datasheet HTML 6Page - Maxim Integrated Products MAX4865LELT Datasheet HTML 7Page - Maxim Integrated Products MAX4865LELT Datasheet HTML 8Page - Maxim Integrated Products MAX4865LELT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Overvoltage Protection Controllers
with Reverse Polarity Protection
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to GND ..............................................................-0.3V to +30V
GATEN, GATEP to GND ........................................-0.3V to +12V
IN to GATEP ...........................................................-0.3V to +20V
FLAG, EN to GND ....................................................-0.3V to +6V
Continuous Power Dissipation (TA = +70°C)
6-Pin µDFN (2mm x 2mm) (derate 2.1mW/°C
above +70°C) ..............................................................168mW
6-Pin SOT23 (derate 8.7mW/°C above +70°C)............696mW
Operating Temperature Range ..........................-40°C to +85°C
Junction Temperature .................................................... +150°C
Storage Temperature Range ............................-65°C to +150°C
Lead Temperature (soldering, 10s) ................................+300°C
ELECTRICAL CHARACTERISTICS
(VIN = +5V (MAX4864L/MAX4865L/MAX4866L), VIN = +4V (MAX4867), TA = -40°C to +85°C, CGATEN = 500pF, unless otherwise
noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN
1.2
28.0
V
MAX4864L
7.0
7.4
7.8
MAX4865L
5.95
6.35
6.75
MAX4866L
5.45
5.8
6.15
Overvoltage Trip Level
OVLO
VIN rising
MAX4867
4.35
4.65
4.95
V
MAX4864L
75
MAX4865L
65
MAX4866L
55
Overvoltage Lockout
Hysteresis
MAX4867
50
mV
MAX4864L/MAX4865L/MAX4866L
2.65
2.85
3.05
Undervoltage Lockout
Threshold
UVLO
VIN falling
MAX4867
2.3
2.5
2.7
V
MAX4864L/MAX4865L/MAX4866L
44
Undervoltage Lockout
Hysteresis
MAX4867
25
mV
MAX4864L/MAX4865L/MAX4866L
77
120
IN Supply Current
IIN
EN = GND
MAX4867
68
110
µA
MAX4864L/MAX4865L/MAX4866L,
VIN = +2.6V
8.5
22
UVLO Supply Current
IUVLO
EN = GND
MAX4867, VIN = +2.2V
8
18
µA
MAX4864L/MAX4865L/MAX4866L,
VIN = 3.6V
0.4
2
Shutdown Supply Current
ISHD
EN = 1.6V
MAX4867, VIN = 3.6V
0.4
2
µA
MAX4864L/MAX4865L/MAX4866L
9
9.83
10
GATEN Voltage
VGATEN
1µA load
MAX4867
7.5
7.85
8.0
V
GATEN Pulldown Current
IPD
VIN > OVLO, VGATEN = +5.5V
12
32
65
mA
GATEP Clamp Voltage
VCLAMP
13.5
16.5
19.5
V
GATEP Pulldown Resistor
RGATEP
32
48
64
k
Ω
FLAG Output-Low Voltage
VOL
ISINK = 1mA
0.4
V
FLAG Leakage Current
VFLAG = +5.5V
1
µA
EN Input-High Voltage
VIH
1.5
V
EN Input-Low Voltage
VIL
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com