Electronic Components Datasheet Search
  English  ▼

X  

485BAT3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 485BAT3
Description  Battery Powered Converter CE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

485BAT3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  485BAT3 Datasheet HTML 1Page - List of Unclassifed Manufacturers 485BAT3 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
485BAT3-3903-1/2
© 2003 by B&B Electronics. All rights reserved.
International Headquarters:
707 Dayton Road P.O. Box 1040 Ottawa, IL 61350 USA
815-433-5100 Fax 433-5104 www.bb-elec.com orders@bb-elec.com support@bb-elec.com
Westlink Commercial Park Oranmore Co. Galway Ireland
+353 91 792444 Fax +353 91 792445 www.bb-europe.com orders@bb-elec.com support@bb-europe.com
Model 485BAT3
Battery Powered RS-232 to
RS-422/485 Converter CE
Model 485BAT3 features power versatility, making it perfect for field testing
solutions. It converts unbalanced RS-232 signals to balanced RS-422 or RS-
485 signals. RS-485 is an enhanced version of the RS-422 standard, allowing
multiple drivers and receivers on a two-wire system.
Power
The 485BAT3 can be powered in three ways: batteries, port powered, or power supply. Use the battery power option
when you have a low power RS-232 port (found on many laptops today) or no handshake lines or when it is
inconvenient to use a power supply. Install 2 AAA batteries (not included) and put the Battery On/Off switch in the ON
position. The 485BAT3 will draw as much power as possible from the RS-232 port and get any additional current
necessary from the batteries.
If you have a full power port and all your handshake lines, turn off your battery switch. This allows you to run fully port
powered and saves your batteries for emergencies. NOTE: The Battery On-Off switch on the 485BAT3 is used for
conserving battery life. It does not turn on and off all power to the unit.
For your convenience there is the option to use a stripped and tinned +12VDC power supply. Simply attach it to the
terminal blocks and plug it in.
Switches
In addition to the Battery On/Off switch described in the Power section above there is a 2-position dipswitch on the top
of the 485BAT3. The position of these switches determines whether the signals on the terminal blocks are RS-422 or
RS-485. With both switches in the “Off” position the unit will act as a full duplex RS-232 to RS-422 converter. With both
switches in the “On” position, the unit acts as a half-duplex R-232 to RS-485 converter capable of multidropping on the
RS-485 side. When the RS-422/RS-485 switch is in the “RS-485” position, the 485BAT3 uses a bit-wise enable method
to control the RS-485 driver. This means that the RS-485 driver is enabled with each high bit transmitted. This method
requires no handshake control to activate and deactivate the driver. When the RS-422/RS-485 switch is in the “RS-422”
position the driver is constantly enabled.
The Echo On/Off switch controls the RS-485 receiver. When it is in the “On” position the receiver is constantly enabled.
When this switch is in the “Off” position the receiver is enabled only when the RS-485 driver is disabled for use in 2-wire
mode to prevent the transmitted data from echoing back on the RS-232 side.
Connections
The RS-232 port has a female DB9 connector with pins 2 (RD), 3 (TD), and 5
(Signal Ground) supported. Pins 7 (RTS) and 8 (CTS) are tied together, and
pins 6 (DSR), 1 (CD), and 4 (DTR) are also tied together. Any incoming data
lines in either the high or low state are used to port power the 485BAT3. The
more handshake lines available, the longer the battery life, and the more likely
the unit can be totally port powered. Table 1 shows the RS-232 pin outs.
The RS-485 port uses terminal blocks for easy field wiring. TD A(-), TD B(+),
RD A(-), RD B(+), and Signal Ground lines are supported. Figure 1 shows how
to interconnect two RS-485 converters using two wires. Figure 1 shows how to
interconnect two RS-422 converters using four wires. Terminating resistors are
optional. They should be used only on long length runs or at high baud rates.
These resistors should match the impedance of the cable being used, which is
normally about 120 Ohms.
Up to 32 receivers can be driven by any one RS-485 driver, allowing you to put together large systems with many drop
points. If you are using termination resistors, they should be located at opposite ends of the system.
Table 1: RS-232 Pinouts
RS - 232 Pinouts Description
1
DCD
2RD
3TD
4DTR
5GND
6DSR
7RTS
8CTS


Similar Part No. - 485BAT3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
485 ETC2-485 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
France Joint
485 FRANCEJOINT-485 Datasheet
383Kb / 5P
WIPER SEALS
logo
Apex Electronics Co., L...
485-1X APEX-ELECTRONICS-485-1X Datasheet
175Kb / 3P
Slotted Bits
485-2X APEX-ELECTRONICS-485-2X Datasheet
175Kb / 3P
Slotted Bits
485-3X APEX-ELECTRONICS-485-3X Datasheet
175Kb / 3P
Slotted Bits
More results

Similar Description - 485BAT3

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS6206 AMS-AMS6206 Datasheet
376Kb / 6P
Battery powered equipment
AMS6816 AMS-AMS6816 Datasheet
339Kb / 5P
Battery powered equipment
logo
International Rectifier
IRF135S203 IRF-IRF135S203 Datasheet
585Kb / 12P
Battery powered circuits
logo
Infineon Technologies A...
IRF60B217 INFINEON-IRF60B217 Datasheet
234Kb / 10P
Battery powered circuits
2016-01-05
IRF60R217 INFINEON-IRF60R217 Datasheet
476Kb / 11P
Battery powered circuits
2016-01-05
logo
Advanced Monolithic Sys...
AMS116N-X ADMOS-AMS116N-X Datasheet
117Kb / 7P
Battery Powered Systems
AMS2930AN-X ADMOS-AMS2930AN-X Datasheet
100Kb / 9P
Battery Powered Systems
AMS3100-2.5AM ADMOS-AMS3100-2.5AM Datasheet
70Kb / 6P
Battery Powered Systems
AMS2931AN-X ADMOS-AMS2931AN-X Datasheet
100Kb / 9P
Battery Powered Systems
logo
Shenzhen Huazhimei Semi...
HM6220 HMSEMI-HM6220 Datasheet
451Kb / 6P
Battery-powered equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com