Electronic Components Datasheet Search
  English  ▼

X  

RC01 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # RC01
Description  Standard chip resistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

RC01 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button RC01 Datasheet HTML 3Page - NXP Semiconductors RC01 Datasheet HTML 4Page - NXP Semiconductors RC01 Datasheet HTML 5Page - NXP Semiconductors RC01 Datasheet HTML 6Page - NXP Semiconductors RC01 Datasheet HTML 7Page - NXP Semiconductors RC01 Datasheet HTML 8Page - NXP Semiconductors RC01 Datasheet HTML 9Page - NXP Semiconductors RC01 Datasheet HTML 10Page - NXP Semiconductors RC01 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TESTS AND REQUIREMENTS
Essentially all tests are carried out in accordance with the schedule of
“IEC publication 115-8”, category LCT/UCT/56 (rated temperature range:
Lower Category Temperature, Upper Category Temperature; damp heat,
long term, 56 days). The testing also covers the requirements specified by
EIA and EIAJ.
The tests are carried out in accordance with IEC publication 68,
“Recommended basic climatic and mechanical robustness testing
procedure for electronic components” and under standard atmospheric
conditions according to
“IEC 68-1”, subclause 5.3.
Unless otherwise specified the following values apply:
Temperature: 15
°Cto35 °C
Relative humidity: 45% to 75%
Air pressure: 86 kPa to 106 kPa (860 mbar to 1060 mbar).
In Table 4 the tests and requirements are listed with reference to the
relevant clauses of
“IEC publications 115-8 and 68”; a short description of
the test procedure is also given. In some instances deviations from the
IEC recommendations were necessary for our method of specifying.
All soldering tests are performed with mildly activated flux.
Table 4
Test procedures and requirements
IEC
115-8
CLAUSE
IEC 68-2
TEST
METHOD
TEST
PROCEDURE
RESISTANCE
RANGE
REQUIREMENTS
RC01
RC11
RC21
RC31
Tests in accordance with the schedule of IEC publication 115-8
4.4.1
visual
examination
no holes; clean surface; no damage
4.4.2
dimensions
(outline;
see Fig.11)
gauge (mm)
0.45
≤ T ≤
0.65
0.45
≤ T ≤
0.65
0.35
≤ T ≤
0.55
0.30
≤ T ≤
0.40
1.45
≤ W ≤
1.75
1.10
≤ W ≤
1.40
0.75
≤ W ≤
0.95
0.45
≤ W ≤
0.55
3.0
≤ L ≤
3.3
1.85
≤ L ≤
2.15
1.50
≤ L ≤
1.70
0.95
≤ L ≤
1.05
4.5
resistance
applied voltage (+0/
−10%):
R
− Rnom:
max.
±2% or
R
− Rnom:
max.
±5%
R
− Rnom:
max.
±5%
R<10
Ω: 0.1 V
10
Ω≤ R < 100 Ω: 0.3 V
100
Ω≤ R<1kΩ:1V
1k
Ω≤ R < 10 kΩ:3V
10 k
Ω≤ R < 100 kΩ:10V
100 k
Ω≤ R<1MΩ:25V
R
≥ 1MΩ:50V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com