Electronic Components Datasheet Search
  English  ▼

X  

NJM431S Datasheet(PDF) 7 Page - Nisshinbo Micro Devices Inc.

Part # NJM431S
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

NJM431S Datasheet(HTML) 7 Page - Nisshinbo Micro Devices Inc.

Back Button NJM431S Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. NJM431S Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. NJM431S Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. NJM431S Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. NJM431S Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. NJM431S Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. NJM431S Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. NJM431S Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. NJM431S Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Package Information
Reflow Profile
Ver. PI-REFLOW-E-A
■ HEAT-RESISTANCE PROFILES
Reflow profile
3℃/s MAX.
217℃
200℃
150℃
255℃
260℃ MAX.
30s MAX.
6℃/s MAX.
60-120s
60-150s
Time(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com