Electronic Components Datasheet Search
  English  ▼

X  

AA8002 Datasheet(PDF) 1 Page - ABB

Part # AA8002
Description  YALE TYPE CLOSURE AND SR KEY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

AA8002 Datasheet(HTML) 1 Page - ABB

  AA8002 Datasheet HTML 1Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Extended Product Type:
Product ID:
EAN:
Catalog Description:
Long Description:
EAN:
Minimum Order Quantity:
Customs Tariff Number:
Product Net Weight:
Package Level 1 Units:
Package Level 1 Width:
Package Level 1 Height:
Package Level 1 Length:
Package Level 1 Gross Weight:
Package Level 1 EAN:
RoHS Status:
Product Main Type:
Product Name:
Suitable For:
Suitable for Product Class:
Data Sheet, Technical Information:
Declaration of Conformity - CE:
RoHS Information:
ETIM 4:
ETIM 5:
Object Classification Code:
General Information
SR2
AA8002
8015646000705
YALE TYPE CLOSURE AND SR KEY
Box Ø19mm with security insert and Yake type key
Categories
Products
» Low Voltage Products and Systems » Enclosures (System Pro E) » Automation and Control Enclosures (System
pro E control)
» Enclosures - Stacking (Vertical Joining)
Ordering
8015646000705
1 piece
85381000
Dimensions
0.010 kg
Container Information
1 piece
0.050 m
0.050 m
0.050 m
0.010 kg
8015646000705
Environmental
Planned to follow EU Directive 2002/95/EC August 18, 2005 and amendment after 2006-07-
01
Additional Information
SR2 Enclosures
Control and Automation Board
SR2 Enclosures
ArTu M Monobloc Structures
Control and Automation Board
Cabinet
Certificates and Declarations (Document Number)
1STC804013D0203
not applicable
1STC860027
Classifications
EC000200 - Enclosure for control circuit devices
EC000200 - Enclosure for control circuit devices
U
SR2


Similar Part No. - AA8002

ManufacturerPart #DatasheetDescription
logo
ABB
AA8002 ABB-AA8002 Datasheet
1Mb / 20P
Switchgear Enclosed switch disconnectors, switch fuses and transfer switches
More results

Similar Description - AA8002

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
70L-IDC5S GRAYHILL-70L-IDC5S Datasheet
116Kb / 2P
Contact Closure DC Input Modules
logo
Molex Electronics Ltd.
0398605008 MOLEX11-0398605008 Datasheet
556Kb / 2P
PLUGGABLE SR BTS ASSY, (200 CENTERS) WITH KEY FEATURE
0398611002 MOLEX11-0398611002 Datasheet
556Kb / 2P
PLUGGABLE SR BTS ASSY, (200 CENTERS) WITH KEY FEATURE
0398630112 MOLEX11-0398630112 Datasheet
556Kb / 2P
PLUGGABLE SR BTS ASSY, (200 CENTERS) WITH KEY FEATURE
logo
List of Unclassifed Man...
AT293-10M ETC2-AT293-10M Datasheet
53Kb / 1P
CLOSURE PLATE TAPE
logo
Molex Electronics Ltd.
130155-0078 MOLEX11-130155-0078 Datasheet
37Kb / 1P
Watertite Connector Closure Cover
130155-0081 MOLEX11-130155-0081 Datasheet
37Kb / 1P
Watertite Connector Closure Cover
130155-0083 MOLEX11-130155-0083 Datasheet
37Kb / 1P
Watertite Connector Closure Cover
130155-0084 MOLEX11-130155-0084 Datasheet
37Kb / 1P
Watertite Connector Closure Cover
1203080677 MOLEX-1203080677 Datasheet
21Kb / 1P
Plastic Closure Cap
04/05/2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com