Electronic Components Datasheet Search
  English  ▼

X  

ACS150 Datasheet(PDF) 11 Page - ABB

Part # ACS150
Description  ABB micro drives ACS150 0.37 to 4 kW/0.5 to 5 hp Catalog
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

ACS150 Datasheet(HTML) 11 Page - ABB

Back Button ACS150 Datasheet HTML 4Page - ABB ACS150 Datasheet HTML 5Page - ABB ACS150 Datasheet HTML 6Page - ABB ACS150 Datasheet HTML 7Page - ABB ACS150 Datasheet HTML 8Page - ABB ACS150 Datasheet HTML 9Page - ABB ACS150 Datasheet HTML 10Page - ABB ACS150 Datasheet HTML 11Page - ABB ACS150 Datasheet HTML 12Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Catalog | ABB micro drives ACS150 11
Expertise at every stage of the value chain
Secure uptime throughout the drive life cycle
Whether you operate in industry, commerce or a utility your
aims remain the same: to keep your motor-driven applications
running consistently and efficiently. The life cycle services for
ABB drives can help you achieve these aims by maximizing the
uptime of your process while ensuring the optimum lifetime of
ABB drives in a predictable, safe and low-cost manner.
ABB follows a four-phase model for the life cycle management
of its drives. The life cycle phases are active, classic, limited
and obsolete. Within each phase, every drive series has a
defined set of services.
ABB drive life cycle management model
Prepurchase
Order
and
delivery
Installation
and
commissioning
Operation
and
maintenance
Upgrade
and
retrofit
Replacement
and
recycling
Training and learning
Technical support
Contracts
The life cycle services for ABB drives span the entire value
chain, from the moment you make the first enquiry about a
drive through to its disposal and recycling. Throughout the
value chain, ABB provides training and learning, technical
support and contracts. All of this is supported by one of the
most extensive global drive sales and service networks.
The four-phase drive life cycle management model provides
you with a transparent method for managing your investment
in drives. In each phase, you clearly see what life cycle services
are available, and more importantly, what services are not
available. Decisions on upgrading, retrofitting or replacing
drives can be made with confidence.
The drive, with complete life cycle
services, is available for purchase.
The drive, with complete life cycle
services, is available for plant
extensions.
Spare parts, maintenance and repair
services are available as long as
materials can be obtained.
ABB cannot guarantee availability of life
cycle services for technical reasons or
within reasonable cost.
Complete life cycle services
Limited life cycle services
To ensure the availability of complete life cycle services, a drive must be in the
active or classic phase. A drive can be kept in the active or classic phase by
upgrading, retrofitting or replacing.
Caution! A drive entering the limited or obsolete phase has limited repair options.
This may result in unpredictable process downtime. To avoid this possibility, the
drive should be kept in the active or classic phase.
Active
Classic
Limited
Obsolete



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com