Electronic Components Datasheet Search
  English  ▼

X  

CLA30E1200PB Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # CLA30E1200PB
Description  Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

CLA30E1200PB Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  CLA30E1200PB Datasheet HTML 1Page - Inchange Semiconductor Company Limited CLA30E1200PB Datasheet HTML 2Page - Inchange Semiconductor Company Limited CLA30E1200PB Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Schottky Barrier Rectifier
CLA30E1200PB
www.iscsemi.com
1
FEATURES
·
With TO-220 packaging
·
High heat dissipation and durability
·
Thermowatt construction for low thermal
·
Glass passivated junctions and center gate fire for greater
parameter uniformity and stability
·
Minimum Lot-to-Lot variations for robust device performance
and reliable operation
APPLICATIONS
· Switching applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDRM
Repetitive peak off-state voltage
1200
V
VRRM
Repetitive peak reverse voltage
1200
V
IT(AV)
Average forward current,Tc=150℃
30
A
IT(RMS)
RMS on-state current,Tc=150℃
47
A
ITSM
Surge non-repetitive on-state current
( 1/2 cycle,sine wave;50HZ;Tc=125℃ )
300
A
PG(AV)
Average gate power dissipation,Tp=8.3ms;Tc=70℃
0.5
W
Tj
Operating junction temperature
-40~125
℃
Tstg
Storage temperature
-40~150
℃


Similar Part No. - CLA30E1200PB

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CLA30E1200PB IXYS-CLA30E1200PB Datasheet
177Kb / 5P
High Efficiency Thyristor
More results

Similar Description - CLA30E1200PB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com