Electronic Components Datasheet Search
  English  ▼

X  

203-607 Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # 203-607
Description  TiN Coated Jobber Drills
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

203-607 Datasheet(HTML) 1 Page - Premier Farnell Limited.

  203-607 Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Size
Flute Length
Overall Length
(mm)
(mm)
(mm)
Order Code
Price Each
1.00
12
34
203-606
0.87
1.50
18
40
203-607
0.66
2.00
24
53
203-608
0.59
2.50
30
57
203-609B
0.59
3.00
33
61
203-610B
0.60
3.30
36
70
203-611
0.64
3.50
39
70
203-612
0.65
4.00
43
75
203-613
0.72
4.20
43
75
203-614
0.77
4.50
47
80
203-615
0.81
5.00
52
86
203-616
0.93
5.50
57
93
203-617
1.29
6.00
57
93
203-618
1.20
6.50
63
101
150-6418
1.46
6.80
69
109
203-620
1.62
7.00
69
109
203-621
1.60
7.50
69
109
203-622B
1.93
8.00
75
117
203-623
2.14
8.50
75
117
203-624
2.43
9.00
81
125
203-625
2.71
9.50
81
125
203-626
2.89
10.00
87
133
203-627
3.36
10.20
87
133
203-628
4.88
10.50
87
133
203-629
3.87
11.00
94
142
203-630
4.17
11.50
94
142
203-631
4.46
12.00
101
151
203-632
4.96
12.50
101
151
203-633
5.62
13.00
101
151
203-635
6.11
Metric
DIN 338/BS 328
Flute geometry
Standard helix
Point angle
118°
Surface treatment
TiN coated (Titanium Nitride coating)
Application
General purpose engineering drills where
higher productivity is required.
492767
TiN Coated Jobber Drills


Similar Part No. - 203-607

ManufacturerPart #DatasheetDescription
logo
Klein Tools, Inc.
203-6-EINS KLEIN-203-6-EINS Datasheet
1Mb / 2P
Electrician’s Insulated Tools
More results

Similar Description - 203-607

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IR-2 VISHAY-IR-2 Datasheet
175Kb / 4P
Inductors Epoxy Conformal Coated Uniform Roll Coated
31-Jan-06
IRF-1 VISHAY-IRF-1 Datasheet
74Kb / 3P
Inductors Epoxy Conformal Coated Uniform Roll Coated
07-Aug-07
logo
Glenair, Inc.
100-001-A062L GLENAIR-100-001-A062L Datasheet
345Kb / 2P
Tubular Metal Braid QQ-B-575B ASTM B33 Tin Coated Copper
logo
Allied Components Inter...
AC40-122K-RC ALLIED-AC40-122K-RC_10 Datasheet
898Kb / 1P
Axial Coated Inductors
logo
Tyco Electronics
014389-000 MACOM-014389-000 Datasheet
63Kb / 2P
WIRE, RADIATION-CROSSLINKED, MODIFIED, ETFE-INSULATED, TIN-COATED COPPER
2-1191560-6 MACOM-2-1191560-6 Datasheet
63Kb / 2P
WIRE, RADIATION-CROSSLINKED, MODIFIED, ETFE-INSULATED, TIN-COATED COPPER, LIGHTWEIGHT
2-1192126-8 MACOM-2-1192126-8 Datasheet
63Kb / 2P
WIRE, ELECTRIC, RADIATION-CROSSLINKED, TIN-COATED COPPER, LIGHTWEIGHT, GENERALPURPOSE, 600 VOLT
logo
List of Unclassifed Man...
D00471 ETC2-D00471 Datasheet
32Kb / 1P
HSS Jobber Drill Bits
D00469 ETC2-D00469 Datasheet
32Kb / 1P
HSS Jobber Drill Bits
logo
Allied Components Inter...
AC40 ALLIED-AC40 Datasheet
864Kb / 1P
Axial Coated Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com