Electronic Components Datasheet Search
  English  ▼

X  

SST506 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SST506
Description  Current Regulator Diodes-POV(min) 45 V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SST506 Datasheet(HTML) 4 Page - Vishay Siliconix

  SST506 Datasheet HTML 1Page - Vishay Siliconix SST506 Datasheet HTML 2Page - Vishay Siliconix SST506 Datasheet HTML 3Page - Vishay Siliconix SST506 Datasheet HTML 4Page - Vishay Siliconix SST506 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SST502 Series
Vishay Siliconix
www.vishay.com
3-4
Document Number: 70711
S-04234—Rev. C, 02-Jul-01
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
Temperature Coefficient vs. Regulator Current
On-Resistance vs. Regulator Current
Capacitance vs. Forward Voltage
0.1
1
10
0.5
–0.5
0
TJ = 0 to 100_C
VF = 25 V
2
01
5
1
0
IF (mA)
IF (mA)
I = 0.1 IF
VF = 25 V
10
050
5
0
VF (V)
f = 1 MHz
10
20
30
40
234
CURRENT REGULATOR DIODE V 1 CHARACTERISTIC
Zk
VL
IF
POV
VR
VR
VF
IF
IR
rDS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com