Electronic Components Datasheet Search
  English  ▼

X  

FD6-12 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FD6-12
Description  Power Transformer Chassis Mount: Quick Pack
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FD6-12 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FD6-12 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Transformer
Chassis Mount: Quick Pack
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
22520B Temescal Canyon Road
Corona, California
92883
Publish Date: July 24, 2006
FD6-12
Description:
The FD6-12 Quick Pack small power transformer offers a significant reduction
in size and weight over a standard transformer. This transformer can be used
for a wide variety of applications. It is bobbin wound for reduced size and small
operating space.
Electrical Specifications (@25C):
Maximum Power: 30.0VA
Input Voltage:
Series:
230VAC@50/60Hz
Parallel: 115VAC@50/60Hz
Output Voltage: 12.6VCT@2.5A
Construction:
Split bobbing non concentric winding eliminates costly
electrostatic shielding. Termination is suitable for quick connects or soldering.
Safety:
F
B
A
C
D
10
6
8
E
G
UL Class B E53148
Dimensions:
A
B
C
D
E
F
G
1.937
2.812
3.125
1.687
2.312
.187 Dia
1.062
Notes: 1. Units: inches.
2. Terminal size: .187” X 0.21”.
3. Weight: 1.10 lbs
Schematic:
6
8
10
1
2
4
5
Input (115V): Input 1 to 2
Output: 6 to10
Connect 1 to 4, 2 to 5
Input (230V): Input 1 to 5
Connect 2 to 4
RoHS Compliance: As of manufacturing date February 2005, all standard
products meet the requirements of 2002/95/EC, known as the RoHS initiative.
* Upon printing, this document is considered “uncontrolled”. Please contact
Triad Magnetics’ website for the most current version.


Similar Part No. - FD6-12

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
FD6-12 TRIAD-FD6-12 Datasheet
65Kb / 1P
Chassis Mount: Quick Pack
FD6-120 TRIAD-FD6-120 Datasheet
65Kb / 1P
Chassis Mount: Quick Pack
More results

Similar Description - FD6-12

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
F7-16 TRIAD-F7-16 Datasheet
56Kb / 1P
Power Transformer Chassis Mount: Quick Pack
logo
List of Unclassifed Man...
FD8-12 ETC2-FD8-12 Datasheet
75Kb / 1P
Power Transformer Chassis Mount: Quick Pack
FD7-12 ETC2-FD7-12 Datasheet
75Kb / 1P
Power Transformer Chassis Mount: Quick Pack
FD7-10 ETC2-FD7-10 Datasheet
75Kb / 1P
Power Transformer Chassis Mount: Quick Pack
FD6-24 ETC2-FD6-24 Datasheet
75Kb / 1P
Power Transformer Chassis Mount: Quick Pack
FD6-16 ETC2-FD6-16 Datasheet
75Kb / 1P
Power Transformer Chassis Mount: Quick Pack
logo
TRIAD MAGNETICS
F7-12 TRIAD-F7-12 Datasheet
48Kb / 2P
Power Transformer Chassis Mount: Quick Pack
F7-120 TRIAD-F7-120 Datasheet
217Kb / 3P
Power Transformer Chassis Mount Quick Pack
F4-12 TRIAD-F4-12_13 Datasheet
46Kb / 1P
Chassis Mount: Quick Pack
F4-16 TRIAD-F4-16_13 Datasheet
46Kb / 1P
Chassis Mount: Quick Pack
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com