Electronic Components Datasheet Search
  English  ▼

X  

233621 Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # 233621
Description  Steel Rules Standard
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

233621 Datasheet(HTML) 1 Page - Premier Farnell Limited.

  233621 Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Length
Width
Price Each
(mm)
(in)
(mm)
(in)
Order Code
150
6
19
3
⁄4
137-5934
300
12
25
1
137-5935
Standard
EC class 1. Manufactured from
fine quality steel, hardened and
tempered with a satin finish. "D"
end. Graduated both sides. Front
16ths, 32nds, 64ths, 10ths,
20ths, 50ths and 100ths. Re-
verse side 0.5 and 1.0 millimetres to BS 4372/1968.
490531
Steel Rules


Similar Part No. - 233621

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
23362102 TOSHIBA-23362102 Datasheet
4Mb / 70P
Color Television
2005
23362103 TOSHIBA-23362103 Datasheet
8Mb / 90P
LCD Color Television
2005
23362103 TOSHIBA-23362103 Datasheet
4Mb / 70P
Color Television
2005
23362107 TOSHIBA-23362107 Datasheet
4Mb / 70P
Color Television
2005
23362111 TOSHIBA-23362111 Datasheet
4Mb / 70P
Color Television
2005
More results

Similar Description - 233621

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AN-214 AD-AN-214 Datasheet
356Kb / 3P
GROUND RULES FOR HIGH SPEED CIRCUITS
logo
List of Unclassifed Man...
TY28MX ETC2-TY28MX Datasheet
66Kb / 1P
Premium cable ties with steel locking barb Standard ties
ER212 ETC2-ER212 Datasheet
28Kb / 1P
Steel Rules
logo
Molex Electronics Ltd.
1301170090 MOLEX11-1301170090 Datasheet
35Kb / 1P
Standard Box Track System, Festoon Intermediate Steel Car, 8.35mm
logo
Ralston Instruments.
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
Stainless Steel
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
Stainless Steel
QTHA-2FS1 RALSTON-QTHA-2FS1_19 Datasheet
285Kb / 1P
Stainless Steel.
logo
PANDUIT CORP.
MLT2S-CP PANDUIT-MLT2S-CP Datasheet
260Kb / 1P
METAL LOCKING TIE STANDARD SERIES 304 STAINLESS STEEL
MLT2S-CP316 PANDUIT-MLT2S-CP316 Datasheet
217Kb / 1P
METAL LOCKING TIE STANDARD SERIES 316 STAINLESS STEEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com