Electronic Components Datasheet Search
  English  ▼

X  

93LC66 Datasheet(PDF) 19 Page - Microchip Technology

Part # 93LC66
Description  Lowpower 3-wire non-volatile memories
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC66 Datasheet(HTML) 19 Page - Microchip Technology

Back Button 93LC66 Datasheet HTML 14Page - Microchip Technology 93LC66 Datasheet HTML 15Page - Microchip Technology 93LC66 Datasheet HTML 16Page - Microchip Technology 93LC66 Datasheet HTML 17Page - Microchip Technology 93LC66 Datasheet HTML 18Page - Microchip Technology 93LC66 Datasheet HTML 19Page - Microchip Technology 93LC66 Datasheet HTML 20Page - Microchip Technology 93LC66 Datasheet HTML 21Page - Microchip Technology 93LC66 Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
© 1994 Microchip Technology Inc.
DS00560D-page 19
Using the 93LC56 and 93LC66
8
0189
;
0190
0040
0C11
movlw
b’00010001'
0191
0041
0005
tris
port_a
; set RA0 as input, rest output
0192
0042
0065
clrf
port_a
; all lines low
0193
0043
0C80
movlw
b’10000000'
0194
0044
0006
tris
port_b
; set RB7 as input, rest output;
0195
;
0196
;
Fall through and do the read
0197
;
0198
;*********************************************************************
0199
;
READ ROUTINE (Sequential read mode)
0200
;
This routine reads 8 consecutive addresses in
0201
;
sequential mode starting at address 0.
This
0202
;
program will repeat forever
0203
;*********************************************************************
0204
READ
16c5x/7x Cross-Assembler V4.12 Released
Mon Jun 06 10:49:20 1994
Page 5
Line
PC
Opcode
0205
;
0206
0045
0C00
movlw
.0
; set starting address to 00
0207
0046
002C
movwf
addr
;
0208
0047
0C08
movlw
.8
; set number of addresses to
0209
0048
0033
movwf
bytcnt
; read as 8
0210
;
0211
0049
090E
call
BSTART
; generate the start bit
0212
004A
0C02
movlw
.2
; set # bits to 2
0213
004B
0032
movwf
bits
;
0214
004C
0C80
movlw
b’10000000'
; get opcode (10b)
0215
004D
0030
movwf
txbuf
; into output buffer
0216
004E
0936
call
TX
; and transmit it
0217
004F
0C08
movlw
.8
;
0218
0050
0032
movwf
bits
; set number of bits to 8
0219
0051
020C
movf
addr,w
; get the address
0220
0052
0030
movwf
txbuf
; into the output buffer
0221
0053
0936
call
TX
; and transmit it
0222
0223
0054
0921
rbyte
call
RX
; read the high byte
0224
0055
020D
movf
datai,w
; move input data to w
0225
0056
0037
movwf
hbyte
; xfer it to high byte
0226
0227
0057
0921
call
RX
; read the low byte
0228
0058
020D
movf
datai,w
; move input data to w
0229
0059
0037
movwf
hbyte
; xfer it to low byte
0230
0231
005A
02AC
incf
addr
; add 1 to the address
0232
005B
02F3
decfsz
bytcnt
; have all bytes been read?
0233
005C
0A54
goto
rbyte
; no, read another byte
0234
0235
005D
0486
bcf
port_b,chpsel
; yes,clear the chip select line
0236
005E
0A45
goto
READ
; and start over
0237
0000
END
8-117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com