Electronic Components Datasheet Search
  English  ▼

X  

BGA0010 Datasheet(PDF) 1 Page - Proto Advantage SMD Adapter

Part # BGA0010
Description  BGA-42 to DIP-42 SMT Adapter (0.5 mm pitch, 6 x 7 grid)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

BGA0010 Datasheet(HTML) 1 Page - Proto Advantage SMD Adapter

  BGA0010 Datasheet HTML 1Page - Proto Advantage SMD Adapter BGA0010 Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
BGA-42 to DIP-42 SMT Adapter (0.5 mm pitch, 6 x 7 grid)
DIMENSIONS
REF.
mm
inches
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
C
0.275
D
0.225
E
0.50
E2
0.50
F
0.300
G
0.100
H
0.025
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2014 Proto Advantage
C
D
E2
E
B
B
BG
G
GA
A
A0
0
00
0
01
1
10
0
0


Similar Part No. - BGA0010

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
BGA0011 PROTOADVANTAGE-BGA0011 Datasheet
44Kb / 2P
BGA-25 to DIP-25 SMT Adapter (0.5 mm pitch, 5 x 5 grid)
revision 1.0
BGA0012 PROTOADVANTAGE-BGA0012 Datasheet
106Kb / 2P
BGA-54 to DIP-54 SMT Adapter (1.2mm pitch, 6 x 9 grid)
revision 1.0
BGA0014 PROTOADVANTAGE-BGA0014 Datasheet
44Kb / 2P
BGA-54 to DIP-54 SMT Adapter (0.75 mm pitch, 6 x 9 grid)
revision 1.0
BGA0015 PROTOADVANTAGE-BGA0015 Datasheet
88Kb / 1P
BGA-100 SMT Adapter (0.65 mm pitch, 10 x 10 grid)
revision 1.0
BGA0016 PROTOADVANTAGE-BGA0016 Datasheet
106Kb / 2P
BGA-25 to DIP-25 SMT Adapter (0.4 mm pitch, 5 x 5 grid)
revision 1.0
More results

Similar Description - BGA0010

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
EA1050E BOTHHAND-EA1050E Datasheet
40Kb / 2P
30~42 Watts Switching Adapter
logo
ERNI Electronics
294732 ERNI-294732 Datasheet
91Kb / 1P
FEDERLEISTE M 42-6 EE
294736 ERNI-294736 Datasheet
92Kb / 1P
FEDERLEISTE M 42-6 EE
354108 ERNI-354108 Datasheet
82Kb / 1P
FEDERLEISTE M 42-6 LOT
354173 ERNI-354173 Datasheet
80Kb / 1P
FEDERLEISTE M 42-6
354215 ERNI-354215 Datasheet
80Kb / 1P
FEDERLEISTE M 42-6
374161 ERNI-374161 Datasheet
71Kb / 1P
Male Connector 42-6 solder
374162 ERNI-374162 Datasheet
70Kb / 1P
Male Connector 42-6 solder
374358 ERNI-374358 Datasheet
147Kb / 1P
FEDERLEISTE ZW BA 7 42 EE
logo
FIBOX Enclosing innovat...
4712052 FIBOX-4712052 Datasheet
46Kb / 1P
Spacer 42 mm
26.07.2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com