Electronic Components Datasheet Search
  English  ▼

X  

D192D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # D192D
Description  Control/Communicators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

D192D Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  D192D Datasheet HTML 1Page - List of Unclassifed Manufacturers D192D Datasheet HTML 2Page - List of Unclassifed Manufacturers D192D Datasheet HTML 3Page - List of Unclassifed Manufacturers D192D Datasheet HTML 4Page - List of Unclassifed Manufacturers D192D Datasheet HTML 5Page - List of Unclassifed Manufacturers D192D Datasheet HTML 6Page - List of Unclassifed Manufacturers D192D Datasheet HTML 7Page - List of Unclassifed Manufacturers D192D Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
D9412G/D7412G
D9412G/D7412G Specifications
© 2001 Radionics
Page 2
47487B
System Description
D9412G/D7412G Control/Communicators provide an
integrated solution to Access Control, Security, and Fire
Alarm System applications.
Control/Communicators are capable of monitoring alarm
points for intruder or fire alarms while operating user
command centers, (access readers, door locks -
D7412G/ D9412G), and other outputs. Includes a built-
in digital communicator, which reports events to
selected destinations via 4 programmable route groups.
Programming and accessory modules offer flexibility
and beneficial features rarely found in other security
control systems.
Area Configurations
D9412G/D7412G area programming offers you a wide
selection of different system configurations. Each area
is assigned an account number to define annunciation,
control, and reporting functions. Multiple areas can be
linked to a shared area which is automatically controlled
(hallway or lobby). Area arming can be conditional on
other areas (master/associate).
User Interface
D9412G/D7412G command centers provide on-
premises point and system status annunciation. A fully
selectable user interface can customize command
center displays and simplify operation by creating menu
items and functions, appropriate only to that command
center.
Function Lists can help a user become familiar with the
operation of the control panel.
Custom functions allow users to perform complex
functions with a few keystrokes. Each may be
programmed and identified by 16 characters of custom
text and contain up to 32 keystrokes.
D1255 Command Center, D1256 Fire Alarm Command
Center and D1257 Fire Alarm Annunciator use a 16-
character English language display to show system
status, area status (custom text), and point status
(custom text). D720 8-point LED area command center
provides command functions and annunciation for up to
8 points in a single area. Any combination of these
command centers may be used within the same area.
Easy to remember commands like Command 1,
Command 2, and Command 8 make an easy transition
for seasoned Radionics users.
User Passcodes
D9412G/D7412G can accommodate:
•
D7412G: 99 user passcodes
D9412G: 249 user passcodes.
(Each passcode individually programs with 3 to 6
digits in length and no fixed digits).
Each user is assigned one of 14 customized authority
levels in each area. You may restrict passcodes to
operate only during certain times.
Each user may have a 16-character customized name
that may be viewed, printed, reported to a central station
in Radionics’ Modem IIIa
2 Communications format or
retrieved with Remote Account Manager (RAM).
Security and Fire Detection
D9412G/D7412G provide eight “on-board” detection
points, and up to 238 additional off-board points
(depending on Model and expansion interfaces). Points
may be individually programmed and used to monitor all
types of burglar alarm, fire alarm, and supervision
devices.
Communications
D9412G/D7412G have four route groups, sort reports
by priority and are capable of transmitting reports to up
to four locations. Each group has a programmable
primary and backup destination. Compatible with D6600
NetCom Communications System using a D9133TTL-E
Ethernet Interface Module. Radionics’ Modem IIIa
2
Communications Format, available with Radionics’
receiver, adds these reporting capabilities. To name just
a few:
•
Individual point numbers and text
•
Opening/Closing reports by area number
•
Remote programming attempts
•
Diagnostic reports
•
Access control events with user name
Event Log Storage, Viewing and Printing
D9412G/D7412G event log automatically stores up to
1000 events. All local and transmitted events are stored
(some access events are selectable). Event log includes
time, date and event, with area, point and user number.
Users may view event log from Alpha Command
Centers. Events may be retrieved remotely using RAM.
Events are printed as they are stored in event log.
D9131A Parallel Printer Interfaces can be installed to
record events locally on one, two, or three printers
(depending on model). Each can print opening and
closing, access, alarm, Skeds, or any combination of
events. Each can print information from any combination
of areas. Each can supervise various printer status
conditions.
Event log and local printer are ideally suited for
customers who like to have a record of openings and
closings without having extra communications costs.
Logger and RAM, can suppress reports and then
retrieve events periodically using one phone call, rather
than receiving several calls each day.
When the panel’s event log reaches its programmed
threshold of stored events, it can send a report to a
receiver to remind central station to retrieve events from
the panel’s event log with RAM.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com