Electronic Components Datasheet Search
  English  ▼

X  

D113 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # D113
Description  Control/Communicators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

D113 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  D113 Datasheet HTML 1Page - List of Unclassifed Manufacturers D113 Datasheet HTML 2Page - List of Unclassifed Manufacturers D113 Datasheet HTML 3Page - List of Unclassifed Manufacturers D113 Datasheet HTML 4Page - List of Unclassifed Manufacturers D113 Datasheet HTML 5Page - List of Unclassifed Manufacturers D113 Datasheet HTML 6Page - List of Unclassifed Manufacturers D113 Datasheet HTML 7Page - List of Unclassifed Manufacturers D113 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
D9412G/D7412G
D9412G/D7412G Specifications
© 2001 Radionics
Page 4
47487B
Specifications
General
Contractor shall furnish and install, where indicated on
plans, a Radionics D9412G/D7412G
Control/Communicator. Panel shall be listed by
Underwriters Laboratories for NFPA 72 Applications.
D9412G/D7412G shall support initiating and indicating
modules and Radionics Command Centers. Power
supply shall provide 1.4-amp @12 VDC for all
processing functions and auxiliary requirements.
Software
D9412G/D7412G programming of all system functions
shall be accomplished on site using Radionics’ Hand-
held D5200 Programmer or remotely using a RAM
software package. A programmable system passcode
shall be used to prevent unauthorized remote
programming.
Panel shall accommodate up to four separate telephone
numbers for primary, alternate and backup receivers,
automatic test reports, selective relay activation, and
custom text on associated command centers and
annunciators.
When resetting alarms, arming or disarming a
combination fire/burglary and/or access control system,
the user shall be identified by name and number.
D7212/D7412G: Up to 99 users
D9112/D9412G: Up to 249 users
Panel’s internal clock shall support Skeds (scheduled
events) feature. User shall have option to alter Sked
activation times using a programmable passcode.
Up to 64 programmable, scheduled event functions shall
be available for controlling relays, enabling passcodes,
windows, and supporting service alert feature.
Other programmable functions shall include fire alarm
reset commands, and day/date/time adjustments.
Event Logger/Clock
D9412G/D7412G event log shall store up to 1000
events. All system events shall include time, date and
event with area, point and user number.
Access events (optional) stored shall include: Access
granted, No Entry, Request To Enter, and Request To
Exit. Logger records certain functions entered at
command centers. Stored events in Logger shall be
retrievable with a RAM software package.
Remote Diagnostics and Controls
D9412G/D7412G shall be able to be remote controlled
through use of RAM software. Features shall include:
reset of audible signals, activation/deactivation of D8129
relays, interrogation of battery, point and armed status,
enabling or disabling reporting functions, and shunting
of reporting points during servicing.
Command Centers
D9412G/D7412G command centers shall be Radionics
D1255 Command Center, D1256 Fire Alarm Command
Center and D1257 Fire Alarm Annunciator. Each shall
be equipped with a 16-character alphanumeric display,
distinct fire and burglary tones, and backlighted multi-
key touchpad.
D1255, D1256, and D1257 shall have the ability to
display for each detection point: alarm, trouble,
supervisory, or faulted, and custom text. In addition,
expanded, addressable point displays shall include
missing and extra point information. System-wide
displays shall include: local system test, sensor reset,
fire test mode, and user programming prompts.
Fire Test
D9412G/D7412G Fire Test Mode shall support single-
person operation. All reports to central station shall be
suppressed while fire test is being conducted. Fire Test
Mode shall be activated by entering a user passcode at
a command center. All testing data shall be visible on
command center and annunciator displays during
testing.
Hardware
D9412G/D7412G shall provide up to 246 individually
identified addresses, (75 with D7412G). Each shall
accommodate normally open and/or normally closed
devices with end-of-line resistor supervision. Each point
shall be programmable for fire, fire supervisory or
burglary applications. Point output shall be silent or
audible. Audible output shall be steady, pulsed, CA
standard, or temporal code 3.
External Hardware
D9412G/D7412G shall allow use of up to three on-site
parallel printers (one with D7412G), using Radionics
D9131A Printer Interface Modules. Events shall print
time, date, and event description with area, account,
point, and user number, including text for points and
users.
Installation, Warranty, and Training
D9412G/D7412G System Installation, wiring of initiating
devices and signaling circuits, shall be the responsibility
of installing company.
Warranty on all components shall be two years, subject
to manufacturer’s limitations. Training on complete
system operation shall be furnished by installing
company upon completion of installation.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com