Electronic Components Datasheet Search
  English  ▼

X  

TUSB2136PM Datasheet(PDF) 9 Page - Texas Instruments

Part # TUSB2136PM
Description  Universal Serial Bus Compound Hub with General Purpose 8052 MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2136PM Datasheet(HTML) 9 Page - Texas Instruments

Back Button TUSB2136PM Datasheet HTML 5Page - Texas Instruments TUSB2136PM Datasheet HTML 6Page - Texas Instruments TUSB2136PM Datasheet HTML 7Page - Texas Instruments TUSB2136PM Datasheet HTML 8Page - Texas Instruments TUSB2136PM Datasheet HTML 9Page - Texas Instruments TUSB2136PM Datasheet HTML 10Page - Texas Instruments TUSB2136PM Datasheet HTML 11Page - Texas Instruments TUSB2136PM Datasheet HTML 12Page - Texas Instruments TUSB2136PM Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
1−2
1.2
Functional Block Diagram
RSTI
8052
Core
8
6K
y 8
ROM
8K
y 8
SRAM
CPU − I/F
Susp/Res
UBM
USB Buffer
Manager
TDM
Control
Logic
USB
SIE
USB
HUB
8
8
8
8
USB0
Clock,
PLL
and
Dividers
12 MHz
8
2
y 16-Bit
Timers
I2C
Controller
8
8
Reset and
Interrupt
Logic
8
P0[7:0]
8
P1[7:0]
8
P2[7:0]
8
P3[7:0]
I2C Bus
Port-1
Port-2
Port-3
Port-4
USB1
USB2
INT1
Figure 1−1. TUSB2136 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com