Electronic Components Datasheet Search
  English  ▼

X  

5672 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 5672
Description  SUBMINIATURE PENTODE FOR USE AS A.F. POWER AMPLIFIER IN PORTABLE EQUIMENT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

5672 Datasheet(HTML) 1 Page - NXP Semiconductors

  5672 Datasheet HTML 1Page - NXP Semiconductors 5672 Datasheet HTML 2Page - NXP Semiconductors 5672 Datasheet HTML 3Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - 5672

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
5672 ADAFRUIT-5672 Datasheet
349Kb / 3P
ESP32-C6-DEVKITC-1-N8 - 8MB SPI FLACH
logo
Cooper Bussmann, Inc.
5672-11 COOPER-5672-11 Datasheet
83Kb / 1P
Fuse Clips with Mounting Holes
logo
TE Connectivity Ltd
567200-2 TEC-567200-2 Datasheet
186Kb / 7P
Crimping Die Assemblies
567200-3 TEC-567200-3 Datasheet
186Kb / 7P
Crimping Die Assemblies
logo
Tyco Electronics
567273-2 MACOM-567273-2 Datasheet
2Mb / 98P
5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 5672

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
6DQ6B GEC-6DQ6B Datasheet
306Kb / 4P
BEAM-POWER PENTODE PRIMARILY DESIGNED FOR USE AS THE HORIZONTAL-DEFLECTION AMPLIFIER IN TELEVISION RECEIVERS.
logo
NXP Semiconductors
EL503 PHILIPS-EL503 Datasheet
146Kb / 7P
A.F. OUTPUT PENTODE
August 1970
PF86 PHILIPS-PF86 Datasheet
134Kb / 5P
PENTODE FOR USE IN TRANSITRON CIRCUITS
1.1.1960
UF42 PHILIPS-UF42 Datasheet
148Kb / 5P
R.F. PENTODE FOR USE AS WIDE-BAND AMPLIFIER
12.12.1950
95108 PHILIPS-95108 Datasheet
327Kb / 10P
SUBMINIATURE TRANSMITTING PENTODE FOR USE IN RADIO SONDES
8.8.1959
5719 PHILIPS-5719 Datasheet
218Kb / 7P
SPECIAL QUALITY TRIODE DESIGNES FOR USE AS A.F. AMPLIFIER
December 1968
EF50 PHILIPS-EF50 Datasheet
41Kb / 3P
PENTODE FOR USE AS WIDE BAND AND MEASURING AMPLIFIER
4.4.1953
E80CC NXP-E80CC Datasheet
282Kb / 9P
SPECIAL QUALITY DOUBLE TRIODE DESIGNES FOR USE AS A.F. AND D.C. AMPLIFIER
December 1968
PL36 NXP-PL36 Datasheet
1Mb / 34P
OUTPUT PENTODE FOR USE AS LINE OUTPUT TUBE
3.3.1958
ECC83 PHILIPS-ECC83 Datasheet
152Kb / 7P
Double triod intended for use as A.F. amplifier
1999.8.14
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com