Electronic Components Datasheet Search
  English  ▼

X  

D03345 Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # D03345
Description  Lead Free Solder Wire
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

D03345 Datasheet(HTML) 1 Page - Premier Farnell Limited.

  D03345 Datasheet HTML 1Page - Premier Farnell Limited. D03345 Datasheet HTML 2Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
23/10/19
Lead Free Solder Wire
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Characteristics
Standard
Appearance
Bright and shiny surface finishes
Alloy
Sn/ Cu 0.7
JIS-Z-3282
Melting Point
227°C to 228°C
DSC
Flux Content
3 ±1%
JIS-Z-3283
Halide Content
Under 0.5%
JIS-Z-3197
Gravity
7.3
Spread Ability
>75%
JIS-Z-3197
Diameters (Tolerances)
0.3mm to 0.6mm ±0.05mm,
0.8mm to 3mm ±0.1mm
JIS-Z-3283
Storage, Handling and Shelf Life
Storage must be in a dry, non-corrosive and shine environment. Avoids the oxidant, the
acid and the hydrogen peroxide. Shelf life is 2 years from date of manufacture.
Specifications
Physical Properties & Reliability Data
• Excellent solder joint reliability.
• Superior joint strength.
• Excellent thermal & Mechanical fatigue resistance.
• Low cleaning required after solder joint.
Features
No
Test Item
Test Result
Test Method
1
Copper Mirror Test
PASS
IPC-TM-650, 2.3.32
2
Copper Plate Corrosion
PASS
JIS-Z-3197, 6.6.1
3
S.I.R Test
PASS 1x1010 up
IPC-TM-650, 2.6.3.3
4
Electro Migration Test
PASS 1x1010 up
IPC-TM-650, 2.6.14.1


Similar Part No. - D03345

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D03301 DURATOOL-D03301 Datasheet
342Kb / 1P
Soldering Tip Cleaner Brass Wool and Brass Wool Ball
08/07/19 V1.0
D03302 DURATOOL-D03302 Datasheet
342Kb / 1P
Soldering Tip Cleaner Brass Wool and Brass Wool Ball
08/07/19 V1.0
D03304 DURATOOL-D03304 Datasheet
156Kb / 1P
LED Magnifying Lamp with Third Hand Tool And Soldering Iron Stand
08/07/19 V1.0
D03353 DURATOOL-D03353 Datasheet
151Kb / 1P
Mini Gas Blow Torches
08/10/20 V1.0
D03354 DURATOOL-D03354 Datasheet
151Kb / 1P
Mini Gas Blow Torches
08/10/20 V1.0
More results

Similar Description - D03345

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
22460 ETC2-22460 Datasheet
210Kb / 3P
Lead-Free No Clean Solder Paste
SP-301 ETC2-SP-301 Datasheet
883Kb / 1P
Solder Pots For lead-Free Soldering
logo
Laird Tech Smart Techno...
IMPCB-LLD LSTD-IMPCB-LLD Datasheet
510Kb / 1P
Lead-free solder compatible
SS-1KA LSTD-SS-1KA Datasheet
572Kb / 2P
Lead-free solder compatible
logo
List of Unclassifed Man...
SAC305 ETC1-SAC305 Datasheet
245Kb / 1P
SAC305 LEAD-FREE SOLDER ALLOY
logo
Bel Fuse Inc.
Q48S08120 BEL-Q48S08120 Datasheet
1Mb / 13P
RoHS lead-free solder and lead-solder-exempted products are available
Q48S15050 BEL-Q48S15050 Datasheet
933Kb / 13P
RoHS lead-free solder and lead-solder-exempted products are available
QM48T50018 BEL-QM48T50018 Datasheet
989Kb / 12P
RoHS lead-free solder and lead-solder-exempted
SSQE48T20033 BEL-SSQE48T20033 Datasheet
747Kb / 12P
RoHS lead-free solder and lead-solder-exempted products are available
logo
List of Unclassifed Man...
M705-GRN360-K1-V ETC-M705-GRN360-K1-V Datasheet
397Kb / 9P
High-Reliability Lead-Free Solder Paste
July.2005
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com